データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-33-R/UL

  • AI
    ### Technical Overview: M2RTS-R-33-R/UL The **M2RTS-R-33-R/UL** is a specialized signal transducer/transmitter belonging to the **M2 Series** by M-System (a leader in signal conditioning). This specific model is a **Potentiometer Transmitter**, designed to convert resistance changes from a potentiometer into a standard DC output signal. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the exact electronic specifications: | Code | Component | Description | | :--- | :--- | :--- | | **M2RTS** | Model Series | Potentiometer Transmitter (Mini-M Series) | | **R** | Configuration | Remote programming/PC programmable or specific mounting style | | **33** | Input/Output | **Input:** Potentiometer (100 $\Omega$ to 10 k$\Omega$) / **Output:** 4–20 mA DC | | **R** | Power Supply | 24V DC | | **UL** | Certification | UL/cUL recognized component | --- ### 2. Key Electronic Specifications This device acts as a bridge between mechanical position sensors (like a float level or a valve positioner) and a PLC/DCS system. * **Input Signal:** Total resistance of $100 \Omega$ to $10 k\Omega$. * **Reference Voltage:** Typically around 0.5V DC across the potentiometer. * **Output Signal:** 4 – 20 mA DC (Current Loop). * **Accuracy:** $\pm 0.1\%$ of span. * **Response Time:** $\le 0.5$ seconds (0 to 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @ 1 minute. --- ### 3. Internal Block Diagram Logic The electronics inside the module follow a specific signal processing path: 1. **Input Stage:** A constant voltage is applied to the potentiometer. The wiper position creates a voltage divider. 2. **A/D Conversion:** The analog voltage from the wiper is converted to a digital signal for processing. 3. **Isolation Barrier:** An optical or magnetic isolator ensures that electrical noise or surges on the input side do not damage the output loop or the PLC. 4. **D/A Conversion & Output:** The processed signal is converted back to an analog 4-20mA current using a precision current source. --- ### 4. Installation & Wiring The unit is typically a plug-in style that mounts onto a specific base (e.g., M2BS). #### Terminal Connections (General Reference) ```text [Input Side] Terminal 1: Potentiometer High (CW) Terminal 2: Wiper (S) Terminal 3: Potentiometer Low (CCW) [Output Side] Terminal 4: Output (+) Terminal 5: Output (-) [Power Side] Terminal 7: Power (+) 24V DC Terminal 8: Power (-) 0V ``` --- ### 5. Application Use Case This part is most commonly used in industrial automation for: * **Valve Position Monitoring:** Translating the physical opening of a valve into a 4-20mA signal. * **Tank Level Sensing:** Using a float-operated potentiometer to track liquid levels. * **Machine Motion:** Sensing the position of a linear actuator.
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration steps for the zero and span adjustments on this model?
    • ⤷ Can this unit be configured for a voltage output instead of 4-20mA?
    • ⤷ What is the maximum load resistance allowed for the 4-20mA output loop?