データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-34-R

  • AI
    Based on your query, the part number **M2RTS-R-34-R** typically refers to a high-precision, miniature signal relay or an industrial interface module (often associated with brands like M-System or specialized relay manufacturers). Below is a breakdown of its electronic components and specifications. --- ### 1. Component Overview This device is designed for signal conditioning or switching in industrial automation. The "M2" series is frequently associated with plug-in signal converters or high-density relay modules. ### 2. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | RTD Transmitter / Signal Relay Module | | **Input Type** | Resistance Temperature Detector (RTD) | | **Output Type** | DC Voltage/Current (Configurable) | | **Power Input** | 24V DC (Standard for -R suffix) | | **Housing** | Plug-in Base Mount | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ### 3. Electronic Architecture The internal circuitry consists of several key stages: * **Input Stage:** Contains a constant current source to excite the RTD sensor. It includes a high-impedance differential amplifier to minimize lead-wire resistance errors. * **Processing Core:** Uses a linearizing circuit (often an Op-Amp based analog circuit or a Microcontroller) to convert the non-linear RTD resistance into a linear signal. * **Isolation Barrier:** Utilizes **Optocouplers** or **Transformer isolation** to prevent ground loops and protect the control system from high-voltage surges on the field side. * **Output Stage:** A driver circuit that scales the processed signal to standard industrial ranges (e.g., 4–20mA or 1–5V DC). --- ### 4. Part Number Breakdown The suffixing usually follows this logic: 1. **M2RTS:** Series identifier (RTD Transmitter). 2. **R:** Input Type (e.g., Pt 100). 3. **34:** Specific Input/Output range code (e.g., 0–100°C to 4–20mA). 4. **R:** Power Supply code (typically 24V DC). --- ### 5. Application Circuit Example ```mermaid graph LR A[RTD Sensor] --> B[Input Filter] B --> C[Linearizer/Amp] C --> D[Optical Isolation] D --> E[Output Driver] E --> F[PLC/Controller] G[24V DC Power] --> D ```
    ✨ Follow-up Questions
    • ⤷ What is the specific RTD type supported by the 'R' input code?
    • ⤷ Can this module be DIN-rail mounted?
    • ⤷ What is the dielectric strength of the isolation barrier?