データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-3G-R2

  • AI
    The **M2RTS-R-3G-R2** is a high-performance, industrial-grade cellular router/gateway, typically used in M2M (Machine-to-Machine) and IoT applications. It is designed to provide robust wireless connectivity for remote equipment. Below is a breakdown of its electronic specifications and core components. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Cellular Standards** | 3G (HSPA+/UMTS), 2G (GPRS/EDGE) | | **Interface Ports** | 1x RS232, 1x RS485, 1x RJ45 (Ethernet) | | **Processor** | Industrial 32-bit CPU | | **Input Voltage** | DC 5V - 35V | | **Housing** | Metal (Galvanized Steel) | | **Operating Temp** | -35°C to +75°C | --- ### 2. Core Electronic Components #### A. Communication Module The heart of the device is an industrial 3G module. While "3G" is in the name, this specific revision (R2) often includes fallback capabilities to 2.5G/2G networks to ensure connectivity in areas with poor high-speed coverage. #### B. Power Management Circuitry Designed for harsh industrial environments, the internal power regulator handles a wide range of DC inputs (5V to 35V). It includes: * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Over-voltage/Surge Protection:** Protects the internal logic from spikes caused by industrial machinery. #### C. Interface Controllers The device acts as a bridge between serial data and cellular data packets. * **UART to Cellular:** Converts RS232/RS485 signals into TCP/IP or UDP packets. * **Ethernet PHY:** Manages the physical layer for local wired network connections. #### D. Watchdog Timer (WDT) A hardware-based "Watchdog" circuit monitors the system's software. If the firmware freezes due to interference or a bug, the WDT triggers a hard reset of the electronic components to restore service automatically. --- ### 3. Pinout and Connectivity Typical wiring for the RS232/RS485 terminal blocks found on this model: ```text Terminal Block Configuration: [ V+ ] -> Power Positive (5-35V) [ V- ] -> Power Ground (GND) [ A ] -> RS485 Data + [ B ] -> RS485 Data - [ TX ] -> RS232 Transmit [ RX ] -> RS232 Receive [ GND] -> Signal Ground ``` --- ### 4. Key Electronic Features * **EMC Compatibility:** Built to resist electromagnetic interference (Level 3 or higher). * **SIM Slot:** Standard internal SIM card holder with ESD (Electrostatic Discharge) protection. * **Antenna Port:** 50Ω SMA Female interface for high-gain external antennas.
    ✨ Follow-up Questions
    • ⤷ Does this model support 4G LTE upgrades or is it strictly 3G?
    • ⤷ How do I configure the RS485 baud rate for this device?
    • ⤷ What are the specific power consumption ratings in standby versus active transmission?