データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-3Z-R2

  • AI
    The **M2RTS-R-3Z-R2** is a specialized industrial electronic component, typically categorized as a **Signal Conditioner** or **Transducer**, often used in automation and control systems (common in the M-System M2 Series). Below is a detailed breakdown of its electronic characteristics and functionality. --- ### 1. General Specifications This device is designed to accept a specific input signal (usually temperature or millivolt) and convert it into a standardized analog output signal. | Feature | Description | | :--- | :--- | | **Series** | M2 Series (Plug-in Signal Conditioners) | | **Function** | RTD (Resistance Temperature Detector) Transmitter | | **Construction** | Plug-in base structure for easy maintenance | | **Isolation** | 3-way isolation (Input to Output to Power) | ### 2. Part Number Breakdown (Nomenclature) The suffix codes determine the specific electronic behavior: * **M2RTS**: RTD Transmitter (converts resistance changes to voltage/current). * **-R**: Power Input (typically **24V DC**). * **-3Z**: Output Type. Code "3" usually refers to 0–1V DC, and "Z" can represent a custom range or specific impedance requirements. * **-R2**: Additional specific options (often related to response time or enhanced accuracy). ### 3. Electronic Components & Signal Flow The internal circuitry consists of several key stages: #### A. Input Stage (RTD Interface) * **Constant Current Source:** Sends a small, stable current through the RTD sensor (e.g., Pt100) to measure the voltage drop. * **Lead-wire Compensation:** A 3-wire bridge circuit is used to cancel out the resistance of the wires connecting the sensor to the device. #### B. Processing & Isolation * **Linearizer:** Since RTDs are not perfectly linear, the electronics include a linearization circuit to ensure the output is proportional to the temperature. * **Optical/Magnetic Isolation:** Prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. #### C. Output Stage * **Operational Amplifiers (Op-Amps):** Scale the signal to the desired range (e.g., 4-20mA or 1-5V). * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for manual calibration of the electronic offset and gain. --- ### 4. Technical Hardware Parameters | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Power Consumption** | Approx. 2W | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Accuracy** | ±0.1% of span | | **Temperature Coefficient** | ±0.015% per °C | --- ### 5. Wiring Diagram Logic 1. **Terminals 1-3:** Input from RTD (A, B, B' terminals). 2. **Terminals 4-5:** Output Signal (Positive and Negative). 3. **Terminals 6-7:** Power Supply (L+ and N-).
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the 3-wire RTD input?
    • ⤷ How do I perform a Zero/Span calibration on this specific model?
    • ⤷ What is the difference between the -R and -M power supply codes in this series?