データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-A1D-M2SLASHCE

  • AI
    The part number **M2RTS-R-A1D-M2/CE** typically refers to a high-performance **Remote Terminal Unit (RTU)** or a specialized **PLC module** (frequently associated with Mitsubishi Electric or specific industrial automation lines like the M2 series). Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications This device acts as an interface between field sensors and a central control system. It is designed for high reliability in industrial environments. | Feature | Description | | :--- | :--- | | **Device Type** | Remote I/O / RTU Module | | **Communication** | CC-Link, Modbus, or proprietary bus protocols | | **Mounting** | DIN Rail or Panel Mount | | **Certification** | CE (European Conformity) | --- ### 2. Breakdown of the Part Number Components While specific to the manufacturer's nomenclature, the string typically translates to the following electronic characteristics: * **M2RTS**: The Series designation (Modular Remote Terminal System). * **R**: Indicates a **Relay Output** or a specific **Receiver** circuit. * **A1D**: Represents the Input/Output voltage rating (Commonly 24V DC or 100-240V AC depending on the sub-revision). * **M2**: Refers to the physical form factor or the number of slots/channels available. * **CE**: Confirms the unit meets electromagnetic compatibility (EMC) and safety standards for the European Economic Area. --- ### 3. Key Electronic Subsystems #### A. Power Supply Circuit * Contains **filtering capacitors** and **surge protection** (Varistors) to handle industrial electrical noise. * Includes an internal **DC-DC converter** to step down input voltage for the logic board. #### B. Isolation Layer * Uses **Optocouplers** (Optical Isolation) to separate the field-side wiring from the internal logic. This prevents high-voltage spikes from destroying the CPU. #### C. Microcontroller / Logic Unit * An embedded **ASIC** or **MCU** processes signals and manages the communication protocol (e.g., CC-Link stack). * Non-volatile memory (EEPROM) stores configuration data. #### D. I/O Interface * **Inputs:** High-impedance circuits designed to detect 0/1 states from sensors. * **Outputs:** Often utilize **Power Transistors** (for high-speed switching) or **Electromechanical Relays** (for high-load switching). --- ### 4. Technical Hardware Environment To ensure the electronics function correctly, the following environmental parameters must be met: 1. **Operating Temperature:** Typically -10°C to +55°C. 2. **Dielectric Strength:** Usually rated at 1500V AC for 1 minute between terminals and ground. 3. **Vibration Resistance:** Compliant with IEC 61131-2 standards. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage requirement for the A1D variant?
    • ⤷ Does this module support Modbus TCP or strictly CC-Link communication?
    • ⤷ What is the maximum current capacity for the relay outputs on this device?