データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-A1D-R/CE

  • AI
    The **M2RTS-R-A1D-R/CE** is a high-performance, ultra-slim signal conditioner (RTD transmitter) manufactured by **M-System**. It is designed to convert signals from a Resistance Temperature Detector (RTD) into a standardized DC output signal. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2RTS (Ultra-slim Signal Conditioners) | | **Input Type** | RTD (e.g., Pt 100, Pt 50, Ni 508.4) | | **Output Type** | 4 – 20 mA DC (Current Loop) | | **Power Input** | 24V DC | | **Configuration** | PC Programmable (Parameters set via PC) | | **Isolation** | 3-way isolation (input to output to power) | | **Housing** | 5.9 mm wide ultra-slim body | | **Certifications** | CE Marking | --- ### 2. Electronic Component Breakdown #### A. Input Section (RTD Interface) The device is engineered to interface with 2, 3, or 4-wire RTDs. * **Burnout Protection:** It includes an electronic circuit to detect sensor breakage. If a wire snaps, the output goes to an upper or lower limit (upscale/downscale) to alert the control system. * **Excitation Current:** Provides a small, stable current to the RTD to measure resistance without causing significant self-heating. #### B. Signal Processing (Digital/Analog Conversion) * **Microprocessor Controlled:** Unlike older analog-only transmitters, this unit uses a digital processor to linearize the non-linear resistance curve of the RTD. * **PC Programmability:** Users can connect the unit to a PC to calibrate zero/span points and select specific RTD types. #### C. Isolation Barrier The "R-A1D-R" configuration indicates high-quality electrical isolation. * **Galvanic Isolation:** Uses optoisolators or transformers to ensure that electrical noise or ground loops from the field sensor do not damage the PLC/DCS or the power supply. #### D. Physical Architecture * **Terminal Blocks:** Uses tension clamp or screw terminals for secure electronic connection. * **DIN Rail Mounting:** Designed for high-density installation in control panels where space is limited. --- ### 3. Model Code Decoding (M2RTS-R-A1D-R/CE) * **M2RTS:** Series identifier (Mini-M signal conditioner). * **-R:** Power Input (24V DC). * **-A1D:** Input/Output configuration (Typically designates RTD input to DC output). * **-R:** Standard accuracy/range options. * **/CE:** Confirms the device meets European safety and EMC (Electromagnetic Compatibility) standards. --- ### 4. Typical Application Circuit ```mermaid graph LR A[RTD Sensor] -- Resistance --> B[M2RTS Transmitter] B -- 4-20mA Signal --> C[PLC / Controller] D[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance an RTD can be placed from this transmitter?
    • ⤷ How do I configure the burnout direction (upscale vs downscale)?
    • ⤷ What software is required for the PC programming of this unit?