データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-BB-R2/UL

  • AI
    The **M2RTS-R-BB-R2/UL** is a specialized industrial-grade control component, typically identified as a **Rotary Switch** or a **Potentiometer-based Manual Setter** from the M2 Series (often manufactured by companies like M-System). These devices are designed for DIN-rail mounting and are used to provide a manual setpoint signal to an industrial control loop. --- ### 1. Part Number Breakdown While specific prefixes vary by manufacturer, the code generally follows this logic: | Segment | Description | | :--- | :--- | | **M2RTS** | Series identifier (Plug-in Manual Setter / Rotary Switch) | | **R** | Power Input (Typically 24V DC) | | **BB** | Output Signal (e.g., Dual 4-20mA or 1-5V DC signals) | | **R2** | Redundancy or Specific Revision code | | **UL** | UL (Underwriters Laboratories) certified for safety standards | --- ### 2. Key Electronic Components & Functions The internal architecture of this part consists of several critical electronic stages: #### A. Input Stage (Rotary Interface) * **Precision Potentiometer:** At the heart of the device is a high-resolution potentiometer connected to the front dial. It converts mechanical rotation into a variable resistance. * **Reference Voltage Source:** A stable Zener diode or IC-based voltage reference ensures that the signal remains accurate despite fluctuations in the power supply. #### B. Signal Conditioning & Conversion * **Operational Amplifiers (Op-Amps):** Used to buffer the high-impedance signal from the potentiometer and scale it to standard industrial levels. * **A/D - D/A Conversion (Optional):** In modern digital versions, the analog dial position is sampled by a microcontroller and then converted back to a precise current or voltage output. #### C. Output Stage * **Current Loop Drivers:** Specialized circuitry (transistors and feedback loops) that maintains a constant current (4-20mA) regardless of the load resistance. * **Isolation Transformers/Optocouplers:** Provides galvanic isolation between the power supply, input, and output to prevent ground loops. --- ### 3. Technical Specifications (General) | Feature | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 24V DC ±10% | | **Power Consumption** | Approx. 2.0W to 3.0W | | **Output Signal** | 4 – 20 mA DC (Load resistance up to 600 Ω) | | **Accuracy** | ±0.1% to ±0.5% of span | | **Operating Temp** | -5 to +55°C (23 to 131°F) | | **Mounting** | Surface or DIN rail | --- ### 4. Applications * **Manual Override:** Used in automated factories to allow operators to manually take control of a valve or motor speed. * **Setpoint Generation:** Provides a steady reference signal to a PLC (Programmable Logic Controller) or PID controller. * **Testing/Commissioning:** Simulates sensor outputs during the setup of a control system.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the BB output configuration?
    • ⤷ Does this model support HART communication protocol?
    • ⤷ What is the difference between the R and R2 power supply options?