データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-CG-R/Q

  • AI
    The part number **M2RTS-R-CG-R/Q** typically refers to a high-precision, industrial-grade **Signal Conditioner** or **Transmitter** from the M2 Series (often manufactured by M-System). These devices are used to convert physical signals (like temperature or resistance) into standard industrial electrical signals. --- ## 1. Technical Specifications Breakdown The alphanumeric code describes the specific configuration of the electronic internal components: | Part Segment | Description | Specific Function | | :--- | :--- | :--- | | **M2RTS** | **Model Series** | RTD (Resistance Temperature Detector) Transmitter. | | **-R** | **Power Input** | DC Power supply (usually 24V DC). | | **-CG** | **Input/Output Type** | **C:** Cu 10 (Copper) RTD input; **G:** 0–5V DC output. | | **-R** | **Option 1** | Standard high-reliability industrial coating/housing. | | **-Q** | **Option 2** | Special quality control or testing (often includes specific certificates). | --- ## 2. Key Electronic Components The device consists of several critical electronic stages to ensure signal integrity: ### A. Input Stage (Signal Conditioning) * **RTD Interface:** Provides a constant current excitation to the RTD sensor. * **Linearization Circuit:** Since RTD resistance changes are not perfectly linear with temperature, this circuit compensates for the curve to provide an accurate reading. * **Burnout Protection:** Detects if the sensor wire is broken and forces the output to a safe state (Upscale or Downscale). ### B. Isolation Barrier * **Three-Way Isolation:** The electronics are designed to isolate the **Input**, **Output**, and **Power Supply**. * **Purpose:** Prevents ground loops and protects the control system (PLC/DCS) from high-voltage surges in the field. ### C. Output Stage * **Voltage Generator:** Converts the processed internal signal into the **0–5V DC** output specified by the "G" code. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for manual calibration of the electronic offset and gain. --- ## 3. Application Summary This electronic part is used to interface between a temperature sensor and a controller: 1. **Input:** The device reads the resistance of a **Copper 10Ω RTD**. 2. **Process:** It cleans, amplifies, and linearizes the signal. 3. **Output:** It sends a linear **0-5V DC** signal to a PLC or data logger. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between 2-wire and 3-wire RTD inputs for this model?
    • ⤷ How do I calibrate the Zero and Span pots on the M2RTS?
    • ⤷ What is the maximum distance the 0-5V signal can be transmitted without loss?