AI

The **M2RTS-R-D4-R/UL** is a high-precision, rack-mounted signal conditioner (RTD transmitter) manufactured by **M-System**. It is designed to convert resistance temperature detector (RTD) signals into standard industrial DC output signals.
Below is a breakdown of its technical specifications and electronic characteristics.
---
## 1. Model Number Breakdown
Understanding the nomenclature helps define the electronic behavior of the unit:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | M2RTS | RTD Transmitter (Plug-in base) |
| **Input** | R | RTD (Pt 100, JPt 100, etc.) |
| **Output** | R | RTD Simulating Output (Resistance output) |
| **Power Input** | D4 | 110V DC |
| **Option** | R | High-reliability/High-speed response |
| **Certification**| UL | UL/C-UL Class I, Div 2 Approval |
---
## 2. Key Electronic Specifications
### Input Characteristics
The device interface supports 3-wire RTD sensors. It uses a constant current bridge circuit to measure the resistance change.
* **Sensor Types:** Pt 100 (IEC), JPt 100 (JIS).
* **Excitation Current:** Typically $\approx 2mA$.
* **Allowable Leadwire Resistance:** Maximum $20 \Omega$ per wire.
### Output Characteristics
The "R" output signifies a **Resistance Output**, meaning this device acts as a simulator or a retransmitter that provides a variable resistance to a secondary system (like a PLC or DCS RTD card).
* **Output Range:** Matches the input resistance characteristics.
* **Response Time:** $\le 0.5$ seconds (for 0–90%).
### Power & Isolation
* **Power Input:** 110V DC ($\pm 10\%$).
* **Isolation Structure:** 3-way isolation (Input to Output to Power).
* **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground).
---
## 3. Electronic Design Features
### Linearization
The unit features built-in electronic **Linearization**. Since the resistance-to-temperature relationship in RTDs is slightly non-linear, the internal circuitry compensates for these curves to ensure the output is directly proportional to the temperature.
### Burnout Protection
In the event of a sensor wire break, the electronic circuit is designed to drive the output to a specific state:
* **Upscale Burnout:** Output goes to the maximum limit (Standard).
* **Downscale Burnout:** Available as a configuration.
### Adjustment Potentiometers
On the front panel, the device usually includes:
1. **Zero Adjustment:** Fine-tuning the lower end of the signal.
2. **Span Adjustment:** Fine-tuning the upper end of the signal.
---
## 4. Connection Diagram (General)
```text
[ RTD INPUT ] [ SIGNAL CONDITIONER ] [ OUTPUT ]
Term 1 (A) -----------| |----------- Term 4
Term 2 (B) -----------| M2RTS |----------- Term 5
Term 3 (B) -----------| |----------- Term 6
|__________________|
| |
[ 110V DC POWER ]
```
---
## 5. Industrial Applications
* **Data Acquisition:** Interfacing old RTD sensors with modern PLC systems.
* **Ground Loop Elimination:** Using the 2000V isolation to prevent electrical noise from damaging sensitive control equipment.
* **Hazardous Areas:** Because of the **UL** rating, it is suitable for environments where flammable gases might be present (Class I, Div 2).
- ⤷What is the difference between the 'R' resistance output and a standard 4-20mA output in this series?
- ⤷ How do I calibrate the Zero and Span for the M2RTS-R?
- ⤷ Can this module be used with a 2-wire RTD configuration?