データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-R-DF-P

  • AI
    The **M2RTS-R-DF-P** is a specialized electronic component, typically classified as a **Signal Conditioner** or **Temperature Transmitter** within the M2 series by M-System (now MG CO., LTD). It is designed to convert signals from a Resistance Temperature Detector (RTD) into a standard DC output. --- ### 1. Key Technical Specifications The model name describes its specific functional attributes. Below is a breakdown of the technical characteristics: | Feature | Specification | | :--- | :--- | | **Primary Function** | RTD Transmitter (Resistance to DC conversion) | | **Input Type** | RTD (e.g., Pt100, JPt100, Pt50) | | **Output Type** | DC Voltage or Current (Configurable/Specified) | | **Power Input** | 100 – 240V AC (Standard for 'R' designation) | | **Construction** | Plug-in base / DIN Rail Mount | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ### 2. Internal Electronic Structure The internal circuitry of the M2RTS-R-DF-P consists of several critical stages: 1. **Input Conditioning Bridge:** Uses a constant current source to excite the RTD sensor. It measures the voltage drop across the sensor to determine temperature changes based on resistance. 2. **Linearization Circuit:** Since RTD resistance change is not perfectly linear relative to temperature, the device employs an internal linearization circuit to ensure the output remains proportional to the actual temperature. 3. **Isolation Transformer:** Uses high-frequency coupling to provide electrical isolation between the power supply, input, and output. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. 4. **Signal Amplifier & Driver:** Converts the internal low-level signal into a robust 4–20mA current loop or 0–10V DC voltage signal for long-distance transmission. --- ### 3. Connection Pinout (Typical) The device usually utilizes a socket-style base for easy maintenance. | Terminal | Description | | :--- | :--- | | **1 & 2** | Output (+) and (-) | | **3 & 4** | Power Supply (L & N) | | **5, 6, & 7** | RTD Input (A, B, b) | | **8** | Ground / Shield | --- ### 4. Applications * **Industrial Automation:** Transmitting temperature data from a furnace or cooling system to a PLC. * **HVAC Systems:** Monitoring ambient or liquid temperatures in large-scale climate control. * **Noise Mitigation:** Used in environments with high EMI where direct RTD wiring would suffer from signal degradation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between a 2-wire and 3-wire RTD for this module?
    • ⤷ How do I calibrate the zero and span settings on the M2RTS-R-DF-P?
    • ⤷ What is the dielectric strength rating for the isolation in this model?