データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-S-CD-R2/CE

  • AI
    ## Technical Analysis of M2RTS-S-CD-R2/CE The **M2RTS-S-CD-R2/CE** is a high-precision, industrial-grade **RTD Transmitter** (Resistance Temperature Detector) manufactured by **M-System**. It is designed to convert a signal from a temperature sensor (like a Pt100) into a standard analog output signal. --- ### 1. Component Breakdown & Specification | Feature | Specification | | :--- | :--- | | **Model Series** | M2-Series (Mini-M) | | **Input Type** | RTD (Resistance Temperature Detector) | | **Input Sensor** | Typically Pt 100 (ITS-90), Pt 50, or Ni 508.4 | | **Output Signal** | 4 – 20 mA DC (Current Loop) | | **Power Input** | 24V DC | | **Accuracy** | ±0.1% of span | | **Housing** | Plug-in style (compact) | | **Certifications** | CE Marking (European Conformity) | --- ### 2. Functional Electronic Parts This device contains several critical electronic sub-systems to ensure signal integrity: 1. **Input Conditioning Circuit:** * **Constant Current Source:** Sends a small, stable current through the RTD to measure resistance without causing self-heating. * **Linearization Circuit:** RTDs are not perfectly linear; the internal electronics correct the curve to ensure the output is proportional to the temperature. 2. **Isolation Barrier (3-Port Isolation):** * Provides electrical separation between **Input**, **Output**, and **Power**. This prevents ground loops and protects the control system from high-voltage surges on the sensor side. 3. **Zero/Span Adjustments:** * Potentiometers (or digital trims) located on the front of the unit allow for fine-tuning the 4mA (Zero) and 20mA (Span) points. 4. **Signal Output Driver:** * A precision operational amplifier (Op-Amp) stage that converts the processed signal into a stable 4-20mA current loop capable of driving long-distance wiring. --- ### 3. Wiring Configuration The "Plug-in" design uses a base socket (often the M2BS). Below is the typical pin-out logic for this series: ```text Input (RTD) Output (4-20mA) Power (24V DC) [1] A [4] (+) [7] (+) [2] B [5] (-) [8] (-) [3] B' ``` *Note: The 3-wire connection (B and B') is used to compensate for lead wire resistance.* --- ### 4. Key Advantages * **Compact Form Factor:** The "Mini-M" design saves significant cabinet space compared to traditional DIN-rail transmitters. * **High Reliability:** The CE certification ensures electromagnetic compatibility (EMC), making it suitable for noisy industrial environments. * **Burnout Protection:** Includes a feature where the output goes to a pre-set limit (e.g., above 20mA or below 4mA) if the sensor wire breaks. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output on this model?
    • ⤷ Does this transmitter support 2-wire or 4-wire RTD configurations?
    • ⤷ How do I calibrate the zero and span settings on the M2RTS series?