データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2RTS-S-DF-R

  • AI
    The **M2RTS-S-DF-R** is a specific electronic component, typically categorized as a high-precision **Temperature Sensor (RTD - Resistance Temperature Detector)** or a specialized **Thermal Switch/Transmitter** used in industrial automation. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The part number indicates a specific configuration for mounting, output signal, and environmental protection. | Feature | Description | | :--- | :--- | | **Component Type** | Resistance Temperature Detector (RTD) / Temperature Transmitter | | **Sensor Element** | Platinum (Pt100 or Pt1000 typically) | | **Output Type** | Analog (4-20mA or 0-10V) or Digital depending on suffix | | **Mounting** | DIN Rail Mount or Surface Mount (S-DF series) | | **Response Time** | High-speed response (< 500ms) | | **Accuracy Class** | Class A or Class B (per IEC 751) | --- ### 2. Electronic Architecture The device consists of three primary internal stages that process temperature data into a readable electronic signal: #### A. Sensing Element (The Input) The core is a thin-film platinum resistor. As the temperature rises, the electrical resistance of the platinum increases in a highly linear and predictable manner. #### B. Signal Conditioning (The Processor) Because the change in resistance is small, the internal electronics include: * **Wheatstone Bridge:** To detect minute changes in resistance. * **Amplifier:** To boost the signal to a usable level. * **Linearization Circuit:** To ensure the output signal is directly proportional to the temperature scale. #### C. Output Driver (The Interface) The "R" suffix often denotes a **Relay** output or a **Regulated** signal. This allows the part to either: 1. Act as a switch (opening/closing a circuit at a set temperature). 2. Send a continuous current loop signal (4-20mA) to a PLC (Programmable Logic Controller). --- ### 3. Connection Diagram Logic The wiring typically follows a standard industrial configuration: ```mermaid graph LR A[Power Supply 24V DC] --> B[M2RTS Unit] C[RTD Probe Input] --> B B --> D[Analog Output 4-20mA] B --> E[Relay Contact/Alarm] ``` --- ### 4. Common Applications * **HVAC Systems:** Monitoring duct temperatures. * **Industrial Ovens:** Precise thermal regulation. * **Medical Equipment:** Monitoring sensitive chemical reactions. * **Power Plants:** Ensuring bearings and motors do not overheat. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range for the M2RTS-S-DF-R model?
    • ⤷ How do I calibrate the analog output of this device?
    • ⤷ What is the difference between the S-DF and the standard M2RTS models?