データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-16D-R2/N

  • AI
    The **M2SES-16D-R2/N** is a specialized electronic component typically used in industrial automation and power distribution systems. It is part of a series of **Slim Interface Relay Modules** or **I/O Terminal Modules**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The device serves as an interface between a controller (like a PLC) and field devices. It consolidates multiple relay channels into a single, rail-mountable unit to save space and simplify wiring. ### Key Specifications | Feature | Description | | :--- | :--- | | **Number of Channels** | 16-Channel | | **Type** | Relay Board / Slim Interface Terminal | | **Input Signal** | 24V DC (Common for NPN/PNP depending on wiring) | | **Output Type** | Relay Contact (Mechanical) | | **Mounting** | DIN Rail (35mm) | --- ## 2. Electronic Sub-systems ### A. Control Side (Input) * **Optoisolation:** Most "R2" series modules include optical isolation to protect the sensitive PLC/Controller circuits from electrical surges on the load side. * **LED Indicators:** Each of the 16 channels features an integrated LED to indicate the ON/OFF status of the specific relay. * **Connection Port:** Usually utilizes a multi-pin connector (such as a MIL-connector or IDC) to reduce the number of wires coming from the PLC. ### B. Switching Side (Output) * **Relay Type:** Uses 16 individual slim electromagnetic relays. * **Contact Configuration:** Generally SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw). * **Load Capacity:** Typically rated for 2A to 5A at 250VAC or 30VDC (refer to specific relay markings for exact current limits). --- ## 3. Wiring and Connectivity ### Input Terminal (Signal) The "N" in the suffix often denotes the polarity or connection style (e.g., NPN logic compatibility or a specific terminal block orientation). * **Pin 1-16:** Signal inputs for each relay. * **COM:** Common power line (24VDC). ### Output Terminal (Field) * **Screw Terminals:** Provides secure connections for high-current field wiring. * **Replaceable Relays:** In most "R2" designs, the individual relays can be pulled out and replaced if the contacts wear out, without desoldering the entire board. --- ## 4. Application Use Cases 1. **PLC Expansion:** Converting low-current transistor outputs from a PLC into high-current relay outputs. 2. **Signal Isolation:** Protecting expensive control hardware from back-EMF or voltage spikes. 3. **Voltage Conversion:** Controlling a 220V AC motor or solenoid using a 24V DC logic signal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2SES-16D-R2/N?
    • ⤷ Is this module compatible with both NPN and PNP logic?
    • ⤷ How do I replace an individual relay on this board if it fails?