データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-1HC-R

  • AI
    The **M2SES-1HC-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Current Sense Resistor** or a precision shunt. These components are critical in power management circuits for monitoring current flow with high accuracy. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor / Metal Plate Shunt | | **Resistance Value** | Low Ohmic (typically in $m\Omega$ range) | | **Power Rating** | High (often 1W to 5W depending on footprint) | | **Tolerance** | $\pm1\%$ or $\pm0.5\%$ | | **Temperature Coefficient (TCR)** | Low (e.g., $\pm50 ppm/^\circ C$) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Plate / Manganese-Copper Alloy | --- ### 2. Internal Composition and Design The "HC" in the part number often signifies **High Current** capability. Unlike standard thick-film resistors, the M2SES series uses specific architectural choices: * **Metal Plate Element:** Uses a solid metal alloy (often Manganese-Copper) as the resistive element. This provides superior thermal stability and pulse handling compared to ceramic-based resistors. * **Low Inductance:** The flat, planar construction minimizes inductive reactance, making it suitable for high-frequency switching power supplies. * **Heat Dissipation:** Designed with a large contact area to transfer heat directly into the PCB copper traces. --- ### 3. Functional Role in Circuits The M2SES-1HC-R is used primarily for **Current Sensing**. It operates based on Ohm's Law ($V = I \times R$): 1. **Voltage Drop:** As current flows through the resistor, a very small voltage drop occurs across its terminals. 2. **Measurement:** An Integrated Circuit (like a Current Sense Amplifier or PWM Controller) measures this voltage. 3. **Feedback:** The system calculates the current ($I = V/R$) to manage battery charging, prevent overcurrent scenarios, or control motor torque. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Motor Controllers:** Detecting "stall" conditions or controlling speed via current limiting. * **Automotive Electronics:** Power distribution units and electronic power steering. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the '1HC-R' suffix specifically?
    • ⤷ How does the power rating of this component change with ambient temperature?
    • ⤷ Can this part be used in Kelvin (4-terminal) sensing configurations?