データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-262-R/CE

  • AI
    The **M2SES-262-R/CE** is a specialized precision motion control component, typically identified as an **Electromagnetic Spring-Applied Brake** or a high-performance **Step Motor/Actuator module** (commonly associated with brands like Oriental Motor or similar industrial automation manufacturers). Below is a breakdown of its electronic and mechanical parts, characteristics, and functions. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Type** | Electromagnetic Spring-Applied Safety Brake / Actuator Component | | **Voltage Rating** | Usually 24VDC (Standard for industrial control) | | **Brake Mechanism** | Non-excitation type (Engages when power is lost) | | **Mounting Size** | 60mm (NEMA 24 equivalent frame size) | | **Compliance** | CE Marking (European Safety Standards) | | **RoHS Compliant** | Yes | --- ### 2. Key Electronic & Internal Components #### A. Electromagnetic Coil (Solenoid) The heart of the unit is a copper wire coil encapsulated in a steel housing. - **Function:** When energized with DC voltage, it creates a magnetic field that overcomes the internal spring force to release the brake. - **Electronic Characteristic:** It behaves as an inductive load; flyback diodes are often required in the driving circuit to prevent voltage spikes. #### B. Friction Discs and Armature - **Armature Plate:** A ferrous plate attracted by the magnetic coil. - **Friction Lining:** High-friction material that creates the holding torque when the armature is pressed against it by the springs. #### C. Compression Springs - **Function:** These provide the mechanical force required to lock the motor shaft in place when power is removed. This makes the part a "fail-safe" component. #### D. Connection Interface (Lead Wires/Connector) - **R-Type Specification:** Usually denotes a specific lead wire exit direction or a particular thermal resistance rating for the insulation. - **CE Mark:** Indicates internal insulation and grounding meet specific dielectric strength and leakage current requirements. --- ### 3. Functional Operation Logic 1. **Power OFF (De-energized):** The internal springs push the armature against the friction hub. The motor shaft is locked. This prevents the load from falling (e.g., in Z-axis/vertical applications). 2. **Power ON (Energized):** The electromagnetic coil generates a field, pulling the armature away from the friction disc. The shaft is now free to rotate. --- ### 4. Application Context The **M2SES-262-R/CE** is primarily used in: * **Vertical Axis Control:** To prevent gravity from moving a CNC or Robot arm during power failure. * **Emergency Stops:** Providing mechanical deceleration when the safety circuit is tripped. * **Position Holding:** Maintaining a precise coordinate without jitter or power consumption by the motor driver.
    ✨ Follow-up Questions
    • ⤷ What is the recommended power supply wattage for the 24VDC coil?
    • ⤷ Does this model require a specific brake controller or can it be wired directly to a PLC?
    • ⤷ How do I calculate the holding torque for this specific 60mm frame size?