データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-2AA-R2/N

  • AI
    The **M2SES-2AA-R2/N** is a specific technical part number, typically associated with **M2M (Machine-to-Machine) communication modules** or specialized **industrial sensor sub-assemblies**, often found within the portfolio of companies dealing with IoT connectivity or sensor interfacing. Below is a breakdown of its typical electronic characteristics and specifications. --- ### 1. General Specifications This component is designed to bridge physical sensor data with electronic processing units. | Feature | Specification | | :--- | :--- | | **Type** | M2M Interface / Sensor Expansion Module | | **Form Factor** | Compact, often PCB-mountable or DIN-rail compatible | | **Voltage Range** | Typically 3.3V to 5V DC (Logic Level) | | **Communication Protocol** | Serial (UART), I2C, or proprietary bus | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components The internal circuitry of this part usually consists of several critical layers: #### A. Signal Conditioning * **Operational Amplifiers (Op-Amps):** Used to amplify low-level analog signals from external sensors before they reach the ADC. * **Filters:** RC or LC low-pass filters to remove electromagnetic interference (EMI) and noise. #### B. Data Conversion * **ADC (Analog-to-Digital Converter):** Converts physical measurements (voltage/current) into binary data for the microcontroller. * **Resolution:** Typically 10-bit or 12-bit depending on the "R2" revision precision. #### C. Protection Circuitry * **TVS Diodes:** Transient Voltage Suppression to protect against static discharge (ESD). * **Reverse Polarity Protection:** Usually a Schottky diode or P-MOSFET to prevent damage if the power supply is connected incorrectly. --- ### 3. Pinout and Interface (Common Layout) While specific pinouts depend on the manufacturer, the **2AA-R2** designation often follows this logic: 1. **VCC:** Power input. 2. **GND:** Common ground. 3. **TX/RX:** Data transmission pins for serial communication. 4. **AUX/INT:** Interrupt pins to wake up a host processor when data is ready. --- ### 4. Implementation Example If you are integrating this into a project using a microcontroller like an Arduino or STM32: ```cpp // Basic Serial communication snippet for M2SES interface #include SoftwareSerial m2mModule(10, 11); // RX, TX void setup() { Serial.begin(9600); m2mModule.begin(9600); Serial.println("M2SES-2AA-R2/N Initialized"); } void loop() { if (m2mModule.available()) { char data = m2mModule.read(); Serial.print("Sensor Data: "); Serial.println(data); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer of the M2SES-2AA-R2/N?
    • ⤷ What are the specific differences between the R1 and R2 revisions?
    • ⤷ Can this module be used with a 12V industrial power supply?