データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-2B1-R

  • AI
    The **M2SES-2B1-R** is a high-performance, small-form-factor Solid State Drive (SSD) module specifically designed for industrial, embedded, and server applications. It utilizes the **M.2 (NGFF)** form factor and is engineered for reliability in demanding environments. --- ### 1. Core Technical Specifications The following table outlines the primary hardware characteristics of the M2SES-2B1-R: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm x 22mm) | | **Interface** | SATA III (6.0 Gbps) | | **Flash Type** | SLC (Single-Level Cell) | | **Capacity** | Typically 1GB to 32GB (Industrial variants) | | **NAND Structure** | Planar or 3D NAND (SLC configuration) | | **Connector Key** | B+M Key (Universal compatibility) | --- ### 2. Key Component Analysis #### A. Controller Technology The drive features an advanced industrial-grade controller that manages data flow between the SATA interface and the NAND flash. It includes: * **Static and Dynamic Wear Leveling:** Ensures data is written evenly across cells to prevent premature failure. * **Bad Block Management:** Identifies and "quarantines" failing sectors to maintain data integrity. #### B. SLC (Single-Level Cell) NAND The "S" in the part number often denotes **SLC**. Unlike consumer drives (TLC/QLC), SLC stores only 1 bit per cell. * **Endurance:** Offers up to 100,000 P/E (Program/Erase) cycles. * **Speed:** Faster write speeds and lower latency compared to multi-bit cells. * **Stability:** High resistance to data corruption in extreme temperatures. #### C. Error Correction (ECC) The module incorporates hardware-based ECC (Error Correction Code) to detect and fix bit flips caused by electromagnetic interference or flash degradation. --- ### 3. Industrial Features * **S.M.A.R.T. Monitoring:** Provides telemetry data regarding the health, temperature, and remaining lifespan of the drive. * **Shock & Vibration Resistance:** Built to withstand mechanical stress common in industrial machinery or aerospace applications. * **Power Shielding:** Often includes basic circuitry to prevent data corruption during sudden power loss (though specific implementations vary by sub-revision). --- ### 4. Application Use Cases Due to its high endurance but relatively low capacity, this part is used as: 1. **Boot Drive:** For Linux or RTOS (Real-Time Operating Systems) in embedded servers. 2. **Cache Memory:** For high-frequency data logging. 3. **Industrial Automation:** Controllers for factory floor robotics where vibration is high.
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for the M2SES-2B1-R?
    • ⤷ Does this model support TCG Opal encryption for data security?
    • ⤷ What is the operating temperature range for this specific industrial module?