データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-2HB-R2

  • AI
    The **M2SES-2HB-R2** is a specialized electronic component, typically identified as a **high-speed riser or bridge card** designed for M.2 (NGFF) to SAS/SATA/PCIe interface conversion. It is commonly found in server environments, such as those manufactured by companies like Supermicro or AIC. --- ### 1. Key Technical Specifications The device acts as a hardware bridge, routing high-speed signals between a motherboard slot and storage drives. | Feature | Specification | | :--- | :--- | | **Form Factor** | Proprietary Riser / Bridge Card | | **Primary Interface** | M.2 (NGFF) | | **Output Interface** | HD Mini-SAS (SFF-8643) or 2-Port SAS/SATA | | **Revision** | R2 (Revision 2.0) | | **Data Transfer Rate** | Up to 12Gb/s (SAS) / 6Gb/s (SATA) / PCIe Gen3 x4 | --- ### 2. Major Electronic Subsystems To function correctly, the M2SES-2HB-R2 utilizes several critical electronic parts: #### A. Signal Retimers / Redrivers Because high-speed signals (PCIe/SAS) degrade over distance, this board often includes **IC Redrivers**. These chips boost the signal integrity to ensure data reaches the controller without CRC errors. #### B. Power Management (DC-DC Conversion) The M.2 slot provides 3.3V, but internal components or connected drives may require stable voltage regulation. * **Buck Converters:** Step down voltage for internal logic. * **Smoothing Capacitors:** Surface-mount (SMD) tantalum or multilayer ceramic capacitors (MLCC) to filter electrical noise. #### C. Connector Interfaces * **M-Key Connector:** The gold-finger edge that plugs into the host motherboard. * **SFF-8643 Headers:** High-density connectors used to link the card to a backplane via Mini-SAS HD cables. #### D. Passive Components * **Differential Pair Tracing:** The PCB layout itself is an "electronic part," featuring impedance-controlled traces (usually 85-100 ohms) to prevent signal reflection. * **Termination Resistors:** Small SMD resistors used to match impedance at the end of signal lines. --- ### 3. Functional Block Diagram (Simplified) ```mermaid graph LR A[M.2 Host Slot] --> B[Power Management IC] A --> C[Signal Redriver/Buffer] C --> D[Mini-SAS HD Connector 1] C --> E[Mini-SAS HD Connector 2] B --> C ``` --- ### 4. Application Context This part is typically used in **Dense Storage Servers**. It allows a system designer to utilize an M.2 slot on a motherboard to drive two additional high-performance SAS or SATA drives via a backplane, effectively expanding the storage capacity without utilizing a standard PCIe slot.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2SES-2HB-R2?
    • ⤷ Is this card compatible with NVMe drives or only SAS/SATA?
    • ⤷ What are the common troubleshooting steps if the connected drives are not detected?