データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES-2HD-R2/N

  • AI
    The **M2SES-2HD-R2/N** is a high-performance industrial expansion module, typically used in embedded computing and industrial PC (IPC) environments. It functions as a bridge to expand storage capabilities via the M.2 interface. --- ### 1. General Specifications This device is an **M.2 (NGFF) to Dual SATA III Adapter**. It allows a system with an M.2 slot to connect two standard SATA hard drives or SSDs. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 B+M Key (2242/2280) | | **Interface** | PCIe x1 (Bus interface) | | **Output Ports** | 2 x SATA III (6Gbps) | | **Controller** | JMicron JMB582 (or equivalent high-speed bridge) | | **Compatibility** | Windows, Linux, macOS (Plug & Play) | --- ### 2. Core Electronic Components The reliability of the M2SES-2HD-R2/N depends on several key electronic parts integrated into its PCB: #### A. The Bridge Controller The heart of the module is usually the **JMicron JMB582**. * **Function:** It translates PCIe Gen3 x1 lanes into two SATA 6Gb/s channels. * **Features:** Supports Port Multiplier, NCQ (Native Command Queuing), and TRIM command pass-through. #### B. Power Management (PMIC) Since SATA drives require stable power, the board includes: * **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot into the specific voltages required by the controller chip. * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) are placed near the controller to filter high-frequency noise and ensure signal integrity. #### C. Signal Integrated Circuits * **Crystal Oscillator:** Provides the clock pulse (usually 25MHz or 100MHz) required for the controller to synchronize data transfers. * **SATA Connectors:** Physical 7-pin vertical or horizontal headers designed for high-insertion cycles. --- ### 3. Usage Scenarios * **Compact Servers:** Adding high-capacity HDD storage to a NUC or Mini-ITX board that only has M.2 slots. * **RAID Arrays:** When used with software RAID (like mdadm in Linux), it allows for data redundancy. * **Industrial Automation:** Reliable storage expansion in fanless industrial PCs. --- ### 4. Technical Considerations * **Keying:** It usually features a "B+M" key, making it compatible with both B-key and M-key slots, provided the slot supports **PCIe signaling** (it will not work in M.2 slots that are strictly SATA-only). * **Power Supply:** Note that while the data travels through the M.2 slot, the connected 2.5" or 3.5" SATA drives usually require **external power** from the system's PSU.
    ✨ Follow-up Questions
    • ⤷What is the difference between B-key and M-key compatibility for this module?
    • ⤷ Does this adapter support hardware RAID or only software RAID?
    • ⤷ Can I use this module to boot an Operating System?