データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-61-R2/N

  • AI
    The **M2SES2-61-R2/N** is a specific model within the **M2SES2 series** of industrial signal conditioners/transducers, typically manufactured by companies like **M-System**. These devices are designed to convert or isolate analog signals in industrial automation environments. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the electronic capabilities of this specific unit: | Component | Identifier | Description | | :--- | :--- | :--- | | **Series** | M2SES2 | Mini-M Series Signal Conditioner (Ultra-slim design) | | **Function** | 61 | **Current Loop Supply** (Supplies power to a 2-wire transmitter) | | **Output** | R | **4 to 20 mA DC** (Standard industrial current loop) | | **Power Input** | 2 | **24V DC** (Required operating voltage) | | **Option** | /N | **No mounting bracket** (Specifically for DIN rail mounting) | --- ### 2. Key Electronic Specifications The electronic architecture of the M2SES2-61-R2/N is centered around **galvanic isolation** and **loop power management**. * **Input Side (Transmitter Supply):** * **Voltage Output:** Typically 24 – 28V DC (unregulated). * **Current Limit:** Protected against short circuits (usually limited to approx. 25–30 mA). * **Output Side:** * **Signal:** 4 to 20 mA DC. * **Load Resistance:** Capable of driving up to 550 $\Omega$. * **Performance:** * **Accuracy:** $\pm 0.1\%$ of span. * **Response Time:** $\leq$ 0.5 seconds (0 to 90%). * **Isolation:** 3-way isolation (Input to Output to Power). --- ### 3. Electronic Architecture & Wiring The device acts as a bridge between a field sensor and a PLC/DCS. #### Internal Block Diagram Logic: 1. **Power Module:** Converts the 24V DC input into isolated power for the internal circuitry and the field transmitter. 2. **Input Stage:** Provides the "Loop Power" to a 2-wire transmitter and senses the current return. 3. **Isolation Barrier:** Uses optical or magnetic coupling to prevent electrical noise or surges from passing between the field and the control room. 4. **Output Stage:** Regulates a precise 4-20mA signal based on the isolated input data. #### Wiring Reference: ```text Terminal | Function ---------|--------------------------- 1 - 2 | Output (4-20mA) 3 - 4 | Not Used 5 - 6 | Input (from 2-wire transmitter) 7 - 8 | Power Supply (24V DC) ``` --- ### 4. Application Use Case This part is electronically used when you have a **2-wire pressure or temperature transmitter** that does not have its own power source. The M2SES2-61-R2/N: 1. Sends power to the sensor via the input wires. 2. Reads the sensor's 4-20mA "report." 3. Cleans the signal (filtering and isolation). 4. Repeats that signal to a PLC for processing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the M2SES2 series?
    • ⤷ Can this device be used with a 4-wire transmitter?
    • ⤷ What is the operating temperature range for this specific model?