データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-64-R2/CE

  • AI
    The **M2SES2-64-R2/CE** is a high-performance industrial-grade storage module, specifically an **M.2 SATA SSD** developed by **Apacer**. This specific part number is designed for embedded systems, industrial PCs, and automation equipment where reliability under stress is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III (6.0 Gbps) | | **Capacity** | 64 GB | | **Flash Type** | MLC (Multi-Level Cell) | | **NAND Structure** | 2D NAND (Planar) | | **Operating Temperature** | 0°C to 70°C (Standard Grade) | | **Connector Key** | B & M Key | --- ### 2. Electronic & Architectural Components The internal architecture of this module consists of three primary electronic layers: #### A. The Controller (The Brain) The device uses a specialized SATA controller that manages data traffic between the host and the NAND flash. It handles: * **Static/Dynamic Wear Leveling:** Ensures even distribution of write/erase cycles across all memory cells to prevent premature failure. * **Bad Block Management:** Identifies and maps out "bad" cells to prevent data corruption. #### B. MLC NAND Flash The **"64"** in the part number indicates a **64GB** capacity. It utilizes **MLC (Multi-Level Cell)** technology: * **Reliability:** MLC is generally more durable than TLC (Triple-Level Cell), offering higher P/E (Program/Erase) cycles. * **Stability:** It is preferred in industrial settings because it maintains data integrity longer than consumer-grade flash. #### C. Power Management & Circuitry * **Built-in Voltage Detectors:** Monitors power input to prevent data loss during brownouts. * **S.M.A.R.T. Support:** Includes electronic sensors to report health status, temperature, and remaining life to the host system. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the "R2" and "CE" suffixes is vital for electronic sourcing: * **M2SES2:** Series identifier (M.2 SATA SSD series). * **64:** Density (64 Gigabytes). * **R2:** Revision/Firmware status. This usually indicates a specific hardware revision or a refined BOM (Bill of Materials). * **CE:** Commercial temperature rating (0°C to 70°C) and compliance certifications (likely CE/FCC/RoHS). --- ### 4. Use Cases Because of its small **2242 form factor**, this module is electrically ideal for: 1. **Thin Clients:** Boot drives for compact workstations. 2. **Industrial Automation:** Controllers that require a reliable OS drive. 3. **Network Appliances:** Firewalls and routers that require low-capacity, high-reliability storage. ---
    ✨ Follow-up Questions
    • ⤷What is the TBW (Total Bytes Written) rating for this 64GB MLC module?
    • ⤷ Does this model support 'CorePower' or Power Loss Protection (PLP)?
    • ⤷ Is there a wide-temperature version (-40°C to 85°C) available for this series?