データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-A3-R2

  • AI
    The **M2SES2-A3-R2** is a specific part number typically associated with **Delta Electronics' M2SES series** of high-performance industrial power supplies or specialized server power modules. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Device Overview The M2SES series is designed for mission-critical applications where high efficiency (80 Plus Platinum/Titanium levels) and a compact form factor are required. It typically operates as a **Redundant Power Supply (RPS)** module. ### Core Specifications | Parameter | Typical Value | | :--- | :--- | | **Input Type** | AC (Universal 90V - 264V) | | **Output Voltage** | +12V Main, +12Vsb Standby | | **Efficiency Rating** | 80 Plus Platinum (Approx. 94%) | | **Form Factor** | Slim/Common Redundant Power Supply (CRPS) | | **Cooling** | Internal 40mm PWM-controlled fan | --- ## 2. Key Electronic Components & Features ### A. Power Factor Correction (PFC) The unit utilizes an **Active PFC circuit**. This ensures that the power factor remains above 0.95 at full load, reducing harmonic distortion and improving overall energy usage from the grid. ### B. Control Logic (MCU/DSP) Unlike older analog power supplies, the M2SES2-A3-R2 uses **Digital Signal Processing (DSP)**. This allows for: * Real-time monitoring of voltage, current, and temperature. * Precise control of the switching frequency to maintain high efficiency across varying loads. * Communication via **PMBus 1.2/I2C** protocol for system-level telemetry. ### C. Protection Circuits The electronic design includes multiple hardware-level protection layers: 1. **OVP (Over Voltage Protection):** Shuts down if output exceeds safe levels. 2. **OCP (Over Current Protection):** Limits current to prevent trace melting or fire. 3. **OTP (Over Temperature Protection):** Sensors on the primary and secondary heatsinks trigger shutdown if cooling fails. 4. **SCP (Short Circuit Protection):** Latches the unit off if a short is detected. --- ## 3. Connector Pinout & Interface The "R2" suffix often refers to a specific revision of the gold-finger connector layout. These modules interface with a **Power Distribution Board (PDB)** via a card-edge connector. | Pin Group | Function | | :--- | :--- | | **Power Blades** | High-current +12V and GND paths. | | **SDA/SCL** | I2C Data and Clock lines for PMBus communication. | | **PSON#** | Remote On/Off signal logic. | | **PWOK** | Power Good signal indicating stable DC output. | | **SMBAlert#** | Interrupt signal for fault reporting. | --- ## 4. Application Context The "A3" and "R2" designations suggest this is an OEM-specific variant (likely for brands like Inspur, Gigabyte, or Supermicro servers). It is optimized for: * **High-Density Servers:** 1U or 2U rackmount chassis. * **Storage Arrays:** Powering large amounts of NVMe or SAS drives. * **Networking Gear:** High-end switches requiring redundant power. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the M2SES2-A3-R2?
    • ⤷ How do I interpret the PMBus data from this power supply?
    • ⤷ Is the M2SES2-A3-R2 compatible with standard ATX motherboards?