データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-AA-R

  • AI
    The **M2SES2-AA-R** is a specific model of an industrial **Selector Switch** from the M2SES series. These components are critical in control panels for manual human-machine interface (HMI) operations. --- ## 1. Component Overview The M2SES2-AA-R is a **Short Lever Selector Switch**. It is designed for panel mounting to allow operators to switch between different electrical states (e.g., Manual/Auto or On/Off). ### Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | 2-Position Selector Switch | | **Operator Shape** | Round / Short Lever | | **Action Type** | Maintained (Stays in position when turned) | | **Bezel Material** | Plastic (Standard) | | **Color** | Black (Lever) | | **Mounting Diameter** | 22mm (Industry Standard) | --- ## 2. Electronic & Mechanical Parts The assembly typically consists of three primary modules: ### A. The Operator (Head) This is the visible part on the front of the panel. - **Mechanical Life:** Usually rated for over 500,000 operations. - **Ingress Protection:** Often rated **IP65/IP66**, meaning it is dust-tight and protected against water jets. ### B. The Mounting Adapter (Holder) This piece snaps onto the back of the operator head through the panel hole. It acts as the bridge that holds the contact blocks in place. ### C. Contact Blocks This is the "electronic" heart of the switch. While the part number often refers to the head, it is paired with contact blocks: - **NO (Normally Open):** Completes the circuit when the switch is turned. - **NC (Normally Closed):** Breaks the circuit when the switch is turned. - **Rating:** Typically rated for **10A at 600V AC** (Thermal Current). --- ## 3. Circuit Application In an electrical schematic, the M2SES2-AA-R is used as a binary input. ```mermaid graph LR A[Power Source] --> B{M2SES2 Switch} B -- Position 1 --> C[System Idle] B -- Position 2 --> D[System Active] ``` ### Common Uses: 1. **Hand/Off/Auto (HOA) Switches:** Directing control logic. 2. **Safety Interlocks:** Ensuring a machine cannot start unless the switch is in a specific orientation. 3. **Mode Selection:** Switching between different program parameters in a PLC (Programmable Logic Controller). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Maintained and Momentary action for this switch?
    • ⤷ Can I add more than two contact blocks to this specific model?
    • ⤷ What is the NEMA rating for the M2SES series?