データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-BE-R2

  • AI
    The **M2SES2-BE-R2** is a specialized electronic component primarily used in industrial automation, specifically within the **M-System (MG CO., LTD.)** remote I/O product line. It is a base/backplane designed for the **M2SES2 series** of signal conditioners. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Model Type** | Mounting Base / Backplane | | **Series** | M2SES2 (Slim Signal Conditioners) | | **Capacity** | Supports 2 slots for M2SES2 modules | | **Power Supply** | Typically 24V DC via the base | | **Connection Type** | Screw terminals for field wiring | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Functional Components This device acts as the "motherboard" for modular signal conditioners. Its electronic architecture focuses on three main areas: #### A. Power Distribution The base includes internal bus bars that distribute DC power to all docked modules. This eliminates the need to wire power individually to every signal conditioner, reducing noise and wiring complexity. #### B. Signal Interface * **Input/Output Terminals:** Heavy-duty screw terminals interface with sensors (thermocouples, RTDs, 4-20mA loops) and actuators. * **Isolation:** While the modules themselves provide galvanic isolation, the base is designed with specific creepage distances to maintain safety standards between channels. #### C. Structural Integrity The "R2" suffix often denotes specific revisions or environmental ratings, ensuring the contact points between the module and the base are resistant to oxidation and vibration. --- ### 3. Application Use Case In a typical industrial control panel, the **M2SES2-BE-R2** serves as the bridge between the field and the PLC (Programmable Logic Controller). ```mermaid graph LR A[Sensors] --> B(M2SES2-BE-R2 Base) B --> C[M2SES2 Modules] C --> D[PLC/SCADA System] ``` --- ### 4. Wiring and Installation When working with this part, ensure the following electrical precautions: 1. **Polarity:** Ensure the 24V DC input to the base is correctly polarized to prevent blowing internal protection fuses. 2. **Grounding:** The DIN rail clip often serves as a functional ground; ensure the rail is bonded to the cabinet earth. 3. **Tightening Torque:** Terminals should be tightened to the manufacturer's spec (usually around 0.5 N·m) to prevent thermal runaway due to high resistance.
    ✨ Follow-up Questions
    • ⤷ What are the compatible signal conditioner modules for this specific base?
    • ⤷ How does the 'R2' revision differ from the original 'R' version?
    • ⤷ What is the maximum current draw supported by the M2SES2-BE-R2 power bus?