データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-C2-R/N

  • AI
    Based on the product code structure, the **M2SES2-C2-R/N** typically refers to a high-performance **Solid State Relay (SSR)** or a specific industrial **I/O Module** (often associated with brands like M-System or similar industrial automation manufacturers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed for industrial signal conditioning or power switching, converting a control signal into a regulated output. | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay / Signal Conditioner | | **Mounting Type** | Plug-in / DIN Rail Mount | | **Isolation** | 2000V AC minimum (Input to Output to Power) | | **Response Time** | ≤ 0.5 ms (Typical for SSR variants) | | **Housing Material** | Flame-resistant resin (Black) | --- ### 2. Part Number Breakdown The alphanumeric code identifies specific hardware configurations: | Segment | Meaning | Details | | :--- | :--- | :--- | | **M2SES2** | Model Series | Base series for the electronic module. | | **C** | Input Type | Typically denotes a **Current Input** (e.g., 4–20mA DC). | | **2** | Output Type | Typically denotes a **Photo-MOS Relay** or Specific Voltage output. | | **R** | Power Input | Indicates **24V DC** power requirement. | | **N** | Standards | Often indicates **Non-CE** or specific regional compliance. | --- ### 3. Electronic Components & Internal Logic The internal circuitry generally consists of three primary stages: 1. **Input Stage:** * Contains a low-impedance shunt for current sensing. * Equipped with surge protection (Varistors/TVS Diodes) to handle industrial noise. 2. **Isolation Stage:** * Uses **Optical Coupling** (Optoisolators). This ensures that high-voltage spikes on the output side do not damage the sensitive PLC or controller on the input side. 3. **Output Stage (Photo-MOS / Relay):** * Unlike mechanical relays, this uses power MOSFETs or Triacs. * **Advantages:** No mechanical wear, silent operation, and high-frequency switching capabilities. --- ### 4. Technical Pinout (General Layout) *Note: Always refer to the specific wiring diagram on the side of the unit casing.* | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output | The "Contact" or switched load side. | | **3 & 4** | Input | The control signal (e.g., 4-20mA or 1-5V). | | **5 & 6** | Power Supply | 24V DC (+ / -). | --- ### 5. Application Use Cases * **PLC Interfacing:** Using a low-power PLC output to switch high-current industrial actuators. * **Signal Isolation:** Preventing ground loops in complex factory environments. * **High-Speed Switching:** Used in applications where mechanical relays would fail due to frequent cycling (e.g., PWM heating control).
    ✨ Follow-up Questions
    • ⤷What is the maximum load current supported by the output of the M2SES2?
    • ⤷ How does the Photo-MOS output differ from a standard electromagnetic relay?
    • ⤷ Can this module be used for AC voltage switching?