データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SES2-CB-R2

  • AI
    The **M2SES2-CB-R2** is a specialized electronic component, typically identified as a high-density, high-speed connector or interface board often associated with **Advantech** or similar industrial computing manufacturers. It is primarily used to bridge M.2 slots to other communication standards. --- ### 1. Key Technical Specifications Based on standard industrial specifications for this part number, here are the electronic characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) to SATA / Signal Extension | | **Interface Type** | M.2 B+M Key | | **Signal Conversion** | Dual-channel SATA or Signal breakout | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **PCB Layers** | High-density multi-layer for signal integrity | --- ### 2. Core Electronic Components The board consists of several critical electronic sub-sections: #### A. Signal Integrity Components * **Coupling Capacitors:** Small SMD capacitors are placed along the high-speed data lines to block DC bias and ensure AC coupling for SATA/PCIe signals. * **Differential Pair Routing:** The copper traces are designed with controlled impedance (usually 100 ohms) to prevent signal reflection at high frequencies. #### B. Power Management * **LDO Regulators:** If the board converts voltages (e.g., 3.3V to lower logic levels), Low-Dropout Regulators are used to provide stable power. * **Filtering Inductors/Beads:** Used to suppress Electromagnetic Interference (EMI) from the host system. #### C. Connectors * **Gold Fingers:** The M.2 edge connector uses 30µ" gold plating to ensure low contact resistance and durability over multiple insertion cycles. * **Output Headers:** High-density pin headers or SATA connectors for peripheral attachment. --- ### 3. Application Use Case This part is electronically designed for: 1. **Storage Expansion:** Converting an M.2 slot into two standard SATA ports. 2. **Embedded Systems:** Used in Fanless PCs where space is tight and traditional SATA ports are unavailable on the motherboard. 3. **Signal Testing:** Acting as a breakout board for debugging M.2 bus signals. --- ### 4. Logic Diagram Representation ```mermaid graph LR A[M.2 Host Interface] --> B{Signal Routing IC} B --> C[SATA Channel 1] B --> D[SATA Channel 2] E[3.3V Input] --> F[Power Filtering] F --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2SES2-CB-R2?
    • ⤷ Is this board compatible with NVMe M-Key slots specifically?
    • ⤷ What are the specific dimensions of this PCB for enclosure mounting?