データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2SP-11-R/N

  • AI
    The **M2SP-11-R/N** is a specific model within the M2 series of plug-in signal conditioners manufactured by **M-System**. This device is a **Potentiometer Transmitter**, designed to detect the position of a potentiometer (slidewire) and convert it into a standard DC signal. --- ### ## Technical Specifications Breakdown The alphanumeric code "M2SP-11-R/N" defines the specific configuration of the hardware: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | M2 | Mini-M Series Plug-in Signal Conditioners | | **Function** | SP | Potentiometer Transmitter | | **Input** | 1 | Total resistance 100 $\Omega$ to 10 k$\Omega$ | | **Output** | 1 | 4 – 20 mA DC (Load resistance 750 $\Omega$ max) | | **Power Supply** | R | 24V DC | | **Option** | /N | Without standard DIN rail socket (Base only) | --- ### ### Key Electronic Features 1. **Potentiometer Input:** The device interfaces with a 3-wire potentiometer. It provides a constant reference voltage across the potentiometer and measures the wiper position (0% to 100%). 2. **Isolation Structure:** It features **3-port isolation**. This means the Input, Output, and Power Supply circuits are electronically isolated from each other. This prevents ground loops and protects sensitive control equipment (like PLCs) from surges. 3. **Adjustability:** * **Zero Adjustment:** Fine-tunes the 0% output point. * **Span Adjustment:** Fine-tunes the 100% output point. 4. **Signal Conversion:** The internal circuitry converts the variable resistance ratio into a highly linear 4-20mA current loop, which is resistant to electronic noise over long distances. --- ### ### Typical Connection Diagram The electronic terminals are generally mapped as follows (refer to the specific unit label for confirmation): ```text [ POTENTIOMETER ] [ OUTPUT ] (1) High Side ---------- Terminal 1 (+) (2) Wiper ---------- Terminal 2 (-) (3) Low Side [ POWER SUPPLY ] Terminal 4 (+) ---------- 24V DC Terminal 5 (-) ---------- 0V ``` --- ### ### Use Cases * **Valve Positioning:** Measuring the exact opening percentage of a motorized valve. * **Tank Level:** Using a float-type potentiometer to gauge fluid depth. * **Machine Displacement:** Tracking the linear movement of an actuator.
    ✨ Follow-up Questions
    • ⤷ What is the significance of 3-port isolation in this device?
    • ⤷ How do I calibrate the Zero and Span settings on the M2SP?
    • ⤷ What is the difference between the /N and /S options for this model?