データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TG-5D-R2/N

  • AI
    The **M2TG-5D-R2/N** is a specific model of an **Industrial Solid State Relay (SSR)** or a specialized I/O module, often used in automation and control systems (common in the context of companies like Panasonic or specialized relay manufacturers). Below is a breakdown of its technical characteristics and electronic components. --- ## 1. Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Device Type** | Solid State Relay (SSR) / Interface Module | | **Control Voltage (Input)** | 5V DC (indicated by the "5D") | | **Contact Type** | Normally Open (NO) / 1-Form-A or similar | | **Mounting Style** | PCB Mount or Socket Mount | | **Output Type** | Triac or Transistor (depending on AC/DC load) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps identify the internal electronic logic: * **M2TG**: Series identifier (typically indicates a miniature or slim-style industrial relay). * **5D**: Represents the **Input Voltage**. In this case, it is a **5V DC** logic-level trigger. * **R2**: Refers to the **Output Rating** or Revision (often 2 Amperes or a specific resistance configuration). * **N**: Usually denotes **Negative Logic** (NPN) or a specific terminal plating/material. --- ## 3. Key Electronic Components The internal architecture of this device consists of three main stages: ### A. Input Circuit (Opto-Isolator) To protect the controlling PLC or Microcontroller, the input uses an **Optical Coupler**. * **LED**: When 5V is applied, an internal LED lights up. * **Isolation**: This provides electrical separation (usually up to 2.5kV or 4kV) between the control side and the high-power load side. ### B. Trigger Circuit * **Zero-Cross Circuit**: Many "R2" variants include zero-crossing detection. This ensures the relay only switches when the AC voltage is at 0V, reducing Electromagnetic Interference (EMI) and protecting the load. ### C. Output Component (The Switch) * **Triac/MOSFET**: Unlike mechanical relays, there are no moving parts. It uses a semiconductor (Triac for AC loads, MOSFET for DC) to handle the current. * **Snubber Circuit**: Often includes an internal Resistor-Capacitor (RC) network to prevent accidental triggering caused by rapid voltage spikes ($dv/dt$). --- ## 4. Application Use Cases 1. **PLC Interfacing**: Converting low-power signals from a PLC to drive larger actuators. 2. **Solenoid Control**: Switching pneumatic valves in industrial assembly lines. 3. **Heater Control**: Precision temperature control due to the high-speed switching capability of the SSR. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load current rating for the M2TG-5D-R2/N?
    • ⤷ Does this model support AC or DC load switching?
    • ⤷ What are the pinout dimensions for PCB mounting this component?