データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-0A-R2

  • AI
    The **M2TS-0A-R2** is a specialized electronic component primarily categorized as a **Micro-Switch** or **Tactile/Detection Switch**, often utilized in high-precision automotive or industrial safety systems. --- ## 1. Technical Specifications The following table outlines the core electronic and mechanical parameters of the M2TS-0A-R2: | Parameter | Specification | | :--- | :--- | | **Component Type** | Micro-Detection Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Normally Open (NO) / Momentary | | **Contact Rating** | Usually low voltage (e.g., 5V - 12V DC, 0.1A) | | **Mounting Type** | Surface Mount (SMD) / Board Mount | | **Actuator Type** | Lever or Plunger style | | **Operating Force** | Typically low (e.g., 0.5N to 1.5N) | --- ## 2. Key Features & Construction The "R2" suffix often denotes specific packaging or a revision level in manufacturing. Key electronic characteristics include: * **Gold-Plated Contacts:** Most switches in this series utilize gold plating to ensure high reliability and low contact resistance, which is critical for low-current signal circuits. * **Sealed Design:** It is often engineered with environmental sealing (IP-rated) to prevent dust and moisture ingress, making it suitable for under-the-hood automotive applications. * **Compact Footprint:** Designed for high-density PCB layouts where space is at a premium. --- ## 3. Common Applications The M2TS-0A-R2 is typically found in environments where the "state" of a mechanical part needs to be electronically communicated to a Control Unit (ECU). 1. **Automotive Systems:** Used in door latches, seatbelt buckles, or hood/trunk closure detection. 2. **Industrial Automation:** Serving as a limit switch for small robotic arms or precision machinery. 3. **Consumer Electronics:** Detection of tray inserts or mechanical locking mechanisms. --- ## 4. Pinout Logic While specific pinouts vary by package, the basic electronic logic is represented as follows: ```c // Logic Representation Terminal A (Input) ----/ ---- Terminal B (Output) (Switch Open = Logic High/Low depending on Pull-up resistor) (Switch Closed = Circuit Completed) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2TS-0A-R2?
    • ⤷ Is there a through-hole version of this switch available?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?