データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-11-R

  • AI
    The **M2TS-11-R** is a specific electronic component, typically categorized as a **Miniature Toggle Switch**. These components are widely used in industrial control panels, consumer electronics, and DIY projects for manual circuit switching. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. Key Technical Specifications The M2TS-11-R generally follows industry standards for miniature toggle switches. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON - ON (2 Positions) | | **Contact Rating** | 6A @ 125VAC / 3A @ 250VAC | | **Mounting Type** | Panel Mount (Threaded Bushing) | | **Terminal Type** | Solder Lug | | **Actuator Material** | Chrome Plated Brass | --- ### 2. Internal Circuitry (SPDT) The "11" in the part number usually signifies a **Single Pole Double Throw** configuration. This means the switch has one input (common) and two potential outputs. * **Terminal 1:** Output A * **Terminal 2:** Common (Input) * **Terminal 3:** Output B In the "ON-ON" configuration, terminal 2 is always connected to either terminal 1 or terminal 3, depending on the position of the lever. There is no "Off" center position. --- ### 3. Physical & Material Composition Understanding the materials helps in determining the environment the switch can handle: * **Housing:** Usually made of Diallyl Phthalate (DAP), a high-strength, flame-retardant plastic. * **Contacts:** Often silver-plated or gold-plated copper alloy to ensure low contact resistance and prevent oxidation. * **Bushing:** Standard 1/4-40 UNS threaded bushing for secure panel mounting. * **Sealing:** The "R" suffix often denotes **RoHS Compliance**, ensuring the part is free from hazardous substances like lead and cadmium. --- ### 4. Typical Application Example Here is how you would wire this switch in a basic circuit to toggle between two LEDs: ```python # Simple Circuit Logic If Toggle_Position == UP: Circuit_1 = CLOSED (LED A is ON) Circuit_2 = OPEN (LED B is OFF) Else: (Toggle_Position == DOWN) Circuit_1 = OPEN (LED A is OFF) Circuit_2 = CLOSED (LED B is ON) ``` --- ### 5. Installation Notes 1. **Heat Sensitivity:** When soldering the lugs, avoid applying heat for more than 3 seconds to prevent the internal plastic housing from melting. 2. **Panel Hole:** A standard 6.35mm (1/4 inch) hole is required for the bushing. 3. **Torque:** Do not over-tighten the mounting nuts, as it can strip the threads or crack the switch body.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT toggle switches?
    • ⤷ Can this switch be used for DC applications instead of AC?
    • ⤷ What does the 'R' suffix signify specifically for different manufacturers?