データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-1A-R2

  • AI
    The **M2TS-1A-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized switching module often used in industrial automation, security systems, or telecommunications. Below is a breakdown of its electronic characteristics and functional parts. --- ### 1. General Specifications The M2TS series is known for its compact form factor and high reliability compared to mechanical relays. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay / Switching Module | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Control Voltage** | Low voltage DC (typically 3V to 32V DC) | | **Load Voltage** | AC or DC (depending on specific MOSFET output) | | **Mounting Type** | PCB Mount or Socket Mount | --- ### 2. Internal Electronic Parts The device consists of three primary functional stages that allow it to switch high-power loads using low-power signals without moving parts. #### A. Input Circuit (The Driver) * **LED (Optocoupler):** The input side contains an Infrared LED. When a control voltage is applied, the LED emits light. * **Current Limiting Resistor:** Protects the internal LED from overcurrent. #### B. Isolation Layer * **Optical Isolation:** This is the "gap" between the input and output. Because the signal is transferred via light, there is no electrical connection between the control circuit and the high-voltage load. This protects the controller (like a PLC or Arduino) from surges. #### C. Output Circuit (The Switch) * **Photo-Sensitive MOSFET/TRIAC:** A light-sensitive element receives the IR light and triggers the power component. * **Snubber Circuit:** Often included to prevent damage from inductive spikes (Back-EMF) when switching motors or solenoids. --- ### 3. Key Technical Advantages * **Silent Operation:** Since there are no mechanical armatures hitting contacts, the switching is silent. * **High Switching Speed:** It can toggle states much faster than electromagnetic relays. * **Long Life Cycle:** No mechanical wear and tear or contact pitting/arcing. * **R2 Designation:** Usually refers to a specific revision or a "RoHS" compliance rating ensuring the part is lead-free. --- ### 4. Pin Configuration (Typical) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | **Input (+/-)** | Control signal input (Low voltage) | | **3 & 4** | **Output (Load)** | Connection to the device being switched |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2TS-1A-R2 output?
    • ⤷ How does an SSR differ from an Electromechanical Relay in terms of lifespan?
    • ⤷ Does this model support Zero-Cross switching for AC loads?