データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-1D-R2

  • AI
    The **M2TS-1D-R2** is a specialized electronic component, typically classified as a **Miniature Toggle Switch** or a specific industrial control module depending on the manufacturer (most commonly associated with high-precision switching electronics). Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. Technical Specifications The device is designed for low-to-medium power signal switching. Its nomenclature typically breaks down into its poles, throws, and mounting style. | Feature | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-ON (or ON-OFF-ON depending on sub-series) | | **Current Rating** | Typically 3A @ 125VAC / 1A @ 250VAC | | **Contact Resistance** | < 20 mΩ | | **Insulation Resistance** | > 1000 MΩ at 500VDC | | **Dielectric Strength** | 1000 VAC for 1 minute | --- ### 2. Core Electronic Components The internal architecture consists of several critical mechanical and electrical parts: * **Contact Terminals:** Usually made of silver-plated copper or gold-flashed brass to ensure high conductivity and prevent oxidation. * **Actuator (Toggle):** The physical lever used to transition the internal "wiper" between the stationary contacts. * **Spring Mechanism:** A high-tension internal spring provides the "snap-action" feel, ensuring the circuit opens or closes rapidly to minimize arcing. * **Bushing/Housing:** Often made of Diallyl Phthalate (DAP) or high-grade plastic to provide thermal stability and electrical isolation. --- ### 3. Connection Diagram (SPDT) The electronic pinout for a standard "1D" (Single Pole) configuration involves three primary pins: ```text Pin 1: Normally Closed (NC) Pin 2: Common (COM) — Input Signal Pin 3: Normally Open (NO) ``` In an **ON-ON** configuration, Pin 2 is always connected to either Pin 1 or Pin 3, depending on the position of the toggle. --- ### 4. Application Use Cases Due to its miniature size and reliable switching, the M2TS-1D-R2 is used in: 1. **Telecommunications:** For signal routing and line selection. 2. **Instrumentation:** Power on/off or mode selection in handheld devices. 3. **Medical Equipment:** Interface controls for diagnostic machinery. 4. **Audio Gear:** Bypass switches or gain selection in pedals and mixers.
    ✨ Follow-up Questions
    • ⤷ What are the physical mounting dimensions for the R2 variant?
    • ⤷ Can this switch be used for DC motor control applications?
    • ⤷ What is the difference between silver and gold contact plating for this model?