データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-2B-R2/

  • AI
    The **M2TS-2B-R2** is a specialized high-performance **Automatic Transfer Switch (ATS)** module typically used in industrial power systems, data centers, and telecommunications. It is designed to ensure power continuity by automatically switching between two power sources (usually a primary utility and a backup generator or secondary utility). --- ### Technical Specifications Below are the core electronic characteristics of the M2TS-2B-R2 series: | Feature | Specification | | :--- | :--- | | **Control Logic** | Microprocessor-based digital control | | **Switching Type** | Break-before-make (Open Transition) | | **Voltage Rating** | 220V - 240V AC (Standard Single Phase) | | **Amperage Rating** | Typically 32A to 63A (depending on sub-model) | | **Response Time** | < 50ms - 100ms (typical switching speed) | | **Mounting** | DIN Rail or Panel Mount | --- ### Key Electronic Components #### 1. Sensing Circuitry The module contains voltage and frequency sensors that constantly monitor the "Normal" (Source A) and "Emergency" (Source B) lines. * **Undervoltage/Overvoltage Protection:** If the voltage drops below or exceeds a predefined threshold (e.g., ±15%), the controller initiates a transfer. * **Phase Monitoring:** Ensures the power quality is stable before allowing a connection to the load. #### 2. Logic Controller (MCU) The "brain" of the unit is a microcontroller that handles the timing sequences: * **TDT (Transfer Delay Timer):** Prevents nuisance tripping during momentary power dips. * **TDNE (Time Delay Normal to Emergency):** Allows the backup source (like a generator) to stabilize before taking the load. * **TRET (Time Delay Return):** Ensures the primary utility is stable for a set period before switching back. #### 3. Power Switching Mechanism The "2B" designation often refers to the internal relay or contactor configuration. It uses high-current electromagnetic coils to physically move the contacts between the two power inputs. #### 4. Interface and Indicators * **LED Status Indicators:** Visual cues for Source A Available, Source B Available, and Load Connected. * **Manual Override:** An electronic or mechanical toggle that allows the operator to force a source selection regardless of the logic controller. --- ### Application Diagram (Logic Flow) 1. **Detection:** Utility power fails or fluctuates. 2. **Analysis:** MCU confirms the failure exceeds the set time delay. 3. **Command:** MCU sends a signal to the internal solenoid/motor. 4. **Execution:** Contacts disconnect from Source A and connect to Source B. 5. **Monitoring:** System continues to watch Source A for recovery. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2TS-2B-R2 control pins?
    • ⤷ Can this module be used with a 3-phase power system?
    • ⤷ How do you adjust the time delay settings on this specific model?