データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-2B-R2SLASHCE

  • AI
    The **M2TS-2B-R2/CE** is a specific model of an **Electromagnetic Safety Interlock Switch**, typically manufactured by **Schmersal** or similar industrial automation brands. These devices are designed to ensure that safety guards (like machine doors) remain locked until hazardous processes have stopped. --- ### 1. Key Technical Specifications The electronics of this unit are designed for high-reliability industrial environments. | Feature | Description | | :--- | :--- | | **Type** | Solenoid Interlock Switch | | **Supply Voltage** | Typically 24V AC/DC (Standard industrial control voltage) | | **Contact Configuration** | 2NC (Normally Closed) / 1NO (Normally Open) configuration is common | | **Actuator Type** | Separate actuator (key-style) | | **Locking Force** | High retention force (often around 1000N - 1500N) | | **Safety Rating** | Up to SIL 3 / PL e (depending on the full system circuit) | --- ### 2. Internal Electronic Components The device consists of several critical electronic sub-assemblies: #### A. The Solenoid Coil The "heart" of the device. When energized, the solenoid creates a magnetic field that moves a mechanical plunger to lock or unlock the guard. * **Power Consumption:** Designed for low holding current to prevent overheating. * **Protection:** Usually includes an internal diode to suppress "back EMF" (voltage spikes) when the coil is de-energized. #### B. Switching Contacts (Microswitches) The unit contains sets of "positive break" contacts. * **Safety Contacts:** These monitor the position of the locking bolt and the actuator key. * **Auxiliary Contacts:** Used for signaling a PLC (Programmable Logic Controller) or a status lamp. #### C. Connector Interface (R2/CE) * **R2:** Usually refers to a specific wiring pinout or a right-hand mounting orientation. * **CE:** Indicates compliance with European Union safety, health, and environmental protection requirements. --- ### 3. Functional Operation Logic The electronic logic follows a "Power-to-Unlock" or "Power-to-Lock" principle: 1. **Safety Loop:** The electronics ensure that the machine cannot start unless the actuator key is fully inserted and the bolt is locked. 2. **Monitoring:** The internal circuitry communicates with a **Safety Relay**. If a wire is cut or a contact welds shut, the safety relay detects the fault and prevents the machine from restarting. 3. **LED Diagnostics:** Most modern versions include an LED to indicate the lock status (Locked/Unlocked/Error). --- ### 4. Wiring Diagram (Conceptual) Typical wiring for this class of device: ```yaml Terminal 1-2: Solenoid Power (+24V / 0V) Terminal 3-4: Safety Contact 1 (NC) -> To Safety Relay Terminal 5-6: Safety Contact 2 (NC) -> To Safety Relay Terminal 7-8: Auxiliary Contact (NO) -> To PLC Input ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Power-to-Lock and Power-to-Unlock for this model?
    • ⤷ How do I troubleshoot a solenoid failure in an M2TS switch?
    • ⤷ What are the specific safety certifications required for CE compliance in interlocks?