データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-32-R2/N

  • AI
    The **M2TS-32-R2/N** is a specific model of an **Automatic Transfer Switch (ATS)**, typically used in rack-mount environments like data centers. It is designed to provide power redundancy for devices with a single power supply. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The device acts as a selector between two independent power sources (Source A and Source B). If the primary source fails, it electronically switches to the secondary source. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 200V - 240V AC | | **Current Rating** | 32 Amps | | **Switching Time** | 8ms to 15ms (Typical) | | **Input Plugs** | Usually 2x IEC60309 (32A) | | **Output Connectors** | Multiple C13 and C19 sockets | | **Communication** | SNMP (N-model indicates Network Management) | --- ### 2. Key Electronic Components The internal architecture of the M2TS-32-R2/N consists of several critical electronic subsystems: #### A. The Transfer Logic (Microcontroller) The "brain" of the ATS. It constantly monitors the voltage and frequency of both Input A and Input B. It is programmed with threshold parameters; if Source A drops below a certain voltage (e.g., <180V), the MCU triggers the switch. #### B. High-Power Relays/Contactors Unlike small electronics, a 32A ATS uses heavy-duty electromagnetic relays or contactors. * **Function:** Physically move the connection from Source A to Source B. * **Safety:** These are designed with "break-before-make" logic to ensure the two power sources never touch, which would cause a phase-to-phase short circuit. #### C. Network Management Card (NMC) The **/N** suffix denotes the inclusion of a network interface. * **Hardware:** Includes an Ethernet port (RJ45), a dedicated processor for the web interface, and memory for logging events. * **Protocols:** Supports SNMP, HTTP/HTTPS, and Telnet for remote monitoring and alerting. #### D. Surge Protection & Filtering The input stages contain **MOVs (Metal Oxide Varistors)** and capacitors to filter out electronic noise and protect the downstream equipment from voltage spikes. --- ### 3. Functional Logic Diagram ```mermaid graph TD A[Source A - Primary] --> C{Logic Controller} B[Source B - Secondary] --> C C -->|Normal State| D[Relay A Closed] C -->|Failure Detected| E[Relay B Closed] D --> F[Output Outlets] E --> F C --- G[SNMP / Network Card] ``` --- ### 4. Safety and Monitoring Features * **LED Indicators:** The front panel typically contains LEDs indicating which source is active and the status of the load. * **Overload Protection:** Includes internal circuit breakers to prevent the 32A limit from being exceeded, which would damage the internal wiring. * **Dual Feed:** It requires two separate circuits from different PDUs or UPS systems to provide true redundancy.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 8-15ms switching time for server power supplies?
    • ⤷ How do I configure the SNMP settings for remote monitoring?
    • ⤷ Can this ATS handle out-of-phase power sources safely?