データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-50-R2

  • AI
    The **M2TS-50-R2** is a specialized electronic component typically categorized as a **Surface Mount (SMT) RF Termination** or a high-frequency resistive component. It is commonly used in RF and microwave applications to absorb signal power and prevent reflections. ### 1. Technical Specifications Below are the typical electronic characteristics for this part series: | Property | Value/Description | | :--- | :--- | | **Component Type** | RF Termination / Load | | **Impedance** | 50 Ohms (Standard) | | **Power Rating** | 2 Watts (Typical, varies by heat sinking) | | **Frequency Range** | DC to 4.0 GHz (Common for R2 series) | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Tolerance** | ±2% or ±5% | | **Substrate Material** | Alumina or Beryllium Oxide (BeO) | --- ### 2. Key Electronic Functions * **Impedance Matching:** The primary role of the 50-ohm resistor is to match the characteristic impedance of transmission lines, ensuring that RF energy is absorbed rather than reflected back to the source. * **Signal Termination:** Used at the end of a transmission line or at the unused port of a directional coupler or power divider to "terminate" the signal. * **Power Dissipation:** It converts RF energy into heat. The "50" in the part number signifies the 50-ohm resistance, while "R2" often refers to the specific package size or power rating (2 Watts). --- ### 3. Physical Construction The M2TS-50-R2 is built to handle high frequencies where standard axial resistors would fail due to parasitic inductance. * **Thin/Thick Film Technology:** A resistive layer is deposited on a ceramic substrate. * **Contact Pads:** Usually features silver or gold-plated wrap-around terminals for reliable soldering to a PCB. * **Thermal Management:** The bottom of the component often acts as a thermal plane to transfer heat into the PCB copper pour. --- ### 4. Common Applications 1. **Isolators/Circulators:** Used on the third port to dump reflected power. 2. **Power Dividers:** Terminating the isolated port in Wilkinson power dividers. 3. **Test Equipment:** Providing a dummy load for RF circuit testing. 4. **Base Stations:** Signal conditioning in telecommunications infrastructure. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2TS-50-R2?
    • ⤷ How does the power rating change with different heat sink configurations?
    • ⤷ Are there lead-free (RoHS) versions available for this specific part?