データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TS-70-R

  • AI
    The **M2TS-70-R** is a high-performance, ultra-small form factor (USFF) industrial computer or "Mini PC" motherboard module, typically associated with Axiomtek’s line of OPS (Open Pluggable Specification) or industrial computing solutions. It is designed for digital signage, kiosks, and automation. --- ### Core Specifications Below is a breakdown of the primary electronic components and technical features: | Component Type | Specification Details | | :--- | :--- | | **Processor (CPU)** | Supports 7th Gen Intel® Core™ i7/i5/i3 & Celeron® processors (Socket LGA1151) | | **Chipset** | Intel® H110 / Q170 Express Chipset | | **Memory** | 2 x 260-pin DDR4-2133 SO-DIMM, up to 32GB | | **Storage Interface** | 1 x M.2 Key M (2280) for SSD; 1 x SATA-600 | | **Expansion Slots** | 1 x M.2 Key E (2230) for Wi-Fi/BT; 1 x M.2 Key B (3042) for 4G/LTE | | **Graphics** | Intel® HD Graphics (integrated in CPU) | --- ### Key Electronic Interfaces & Connectivity The electronic architecture focuses on high-speed data transfer and industrial-grade reliability. #### 1. Power Regulation * **Voltage Input:** Typically requires a 12V to 19V DC input. * **Power Circuitry:** Features industrial-grade capacitors and VRMs (Voltage Regulator Modules) to handle 24/7 operation and thermal stress. #### 2. Input/Output (I/O) Headers * **USB:** Supports USB 3.0 and USB 2.0 headers for peripheral integration. * **Serial Ports:** Often includes RS-232/422/485 headers for legacy industrial hardware communication. * **Display:** Internal headers for LVDS or eDP (Embedded DisplayPort) to drive high-resolution panels directly. #### 3. Networking * **Ethernet:** Integrated Intel® i211-AT or i219-LM controllers for Gigabit LAN. * **Wireless:** Supports M.2 modules for 802.11ac and Bluetooth 4.2+ connectivity. --- ### Application Context The M2TS-70-R is engineered for specific electronic environments: * **Digital Signage:** Capable of driving 4K resolution displays via DP or HDMI. * **Industrial IoT:** Acts as an edge gateway due to its multiple M.2 expansion slots for cellular and storage. * **Thermal Management:** Features a low-profile heatsink/fan assembly designed for tight enclosures where airflow is limited. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the M2TS-70-R board?
    • ⤷ Does it support 8th or 9th Gen Intel processors via BIOS update?
    • ⤷ What is the maximum operating temperature range for this module?