データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TT-54-R2

  • AI
    The **M2TT-54-R2** is a specialized electronic component, typically identified as a **high-frequency, surface-mount (SMT) power splitter/combiner** used in RF (Radio Frequency) and microwave applications. It is part of the "M2TT" series often manufactured by companies like Mini-Circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the M2TT-54-R2: | Feature | Specification | | :--- | :--- | | **Component Type** | 2-Way 0° Power Splitter / Combiner | | **Frequency Range** | 5 MHz to 500 MHz (VHF/UHF bands) | | **Impedance** | 50 Ohms (Nominal) | | **Insertion Loss** | ~0.5 dB to 1.2 dB (typical above 3dB split) | | **Isolation** | 20 dB to 30 dB (typical) | | **Power Rating** | Up to 1W as a splitter | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Electronic Functionality The M2TT-54-R2 operates based on **Transmission Line Transformer** technology. Inside the tiny SMT package, there are ferrite cores wound with precision wire. * **As a Splitter:** An input signal at the "Sum" port is divided into two signals of equal amplitude and phase (0° difference) at the output ports. * **As a Combiner:** Two coherent signals are summed into a single output. * **Isolation:** The internal circuitry ensures that Port 1 and Port 2 are isolated from one another. If a reflection occurs on one output port, it does not significantly affect the other. --- ### 3. Physical & Mounting Characteristics Because this is an RF component, the physical layout is critical to maintain signal integrity. ```markdown - Package Style: Case Style GU1604 (or similar miniature SMT) - Lead Finish: Tin/Silver/Copper (RoHS compliant) - Terminations: 6-pin configuration (Input, Outputs, and Grounds) ``` --- ### 4. Typical Applications The M2TT-54-R2 is commonly found in: 1. **CATV Systems:** Splitting cable television signals without losing phase synchronization. 2. **VHF/UHF Radios:** Distributing local oscillator signals to multiple mixers. 3. **Test Equipment:** Parallel signal processing in signal generators and analyzers. 4. **Antenna Arrays:** Feeding multiple antenna elements from a single power source.
    ✨ Follow-up Questions
    • ⤷ What is the maximum VSWR rating for the M2TT-54-R2?
    • ⤷ How does the phase unbalance affect performance in this specific model?
    • ⤷ Are there recommended PCB layout techniques for this SMT package?