データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TT-64-R2/N

  • AI
    The **M2TT-64-R2/N** is a specific type of electronic component, typically categorized as a **Miniature Toggle Switch**. These components are widely used in industrial controls, medical equipment, and telecommunications for manual circuit switching. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like NKK Switches or similar precision switch makers). | Feature | Specification | | :--- | :--- | | **Switch Type** | Toggle Switch | | **Circuit Configuration** | DPDT (Double Pole Double Throw) | | **Switching Function** | ON - ON (Latched) | | **Mounting Type** | Through-hole (PCB Mount) | | **Contact Material** | Silver or Gold (Model dependent) | | **Operating Force** | 4.0 ~ 7.0 Newtons (Typical) | --- ### 2. Physical Characteristics The "M2" series is known for its space-saving design, allowing high-density placement on Printed Circuit Boards (PCBs). * **Actuator Type:** Usually a standard bat-style or short toggle lever. * **Terminal Style:** Straight PC terminals (the "/N" suffix often denotes specific terminal plating or a standard vertical orientation). * **Seal Integrity:** Many versions feature an ultrasonic welding or epoxy seal at the base to prevent flux contamination during soldering. --- ### 3. Electrical Ratings Toggle switches in this class are designed for logic-level or medium-power applications. | Rating Type | Value | | :--- | :--- | | **Max Current/Voltage** | 6A @ 125V AC / 3A @ 250V AC | | **DC Rating** | 4A @ 30V DC | | **Insulation Resistance** | 1,000 MΩ minimum @ 500V DC | | **Dielectric Strength** | 1,000V AC minimum for 1 minute | --- ### 4. Circuit Diagram (DPDT) The **Double Pole Double Throw (DPDT)** configuration means the switch controls two independent circuits simultaneously, each with two possible output paths. ```text [Terminal 1] --- (NC) [Pole A] < [Terminal 2] --- (NO) [Terminal 4] --- (NC) [Pole B] < [Terminal 5] --- (NO) ``` ### 5. Common Applications * **Industrial:** Logic-level switching in PLC interfaces. * **Audio/Visual:** Input selection and power routing. * **Medical:** User interface controls for diagnostic handhelds. * **Networking:** Reset or mode-selection switches for routers/hubs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between DPDT and SPDT toggle switches?
    • ⤷ How does the 'ON-ON' function differ from 'ON-OFF-ON'?
    • ⤷ What are the soldering precautions for PCB-mounted miniature switches?