データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2TT-7F-R2SLASHBN

  • AI
    The **M2TT-7F-R2/BN** is a specialized electronic component, typically categorized as a **Micro-Switch** or **Toggle Switch** assembly, often used in industrial control panels or consumer electronics requiring high reliability. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Miniature Toggle Switch / Micro-Switch | | **Circuitry** | DPDT (Double Pole Double Throw) or SPDT depending on configuration | | **Terminal Type** | Solder Lug or PC Pin (BN suffix often denotes terminal plating) | | **Current Rating** | Typically 3A to 6A @ 125VAC | | **Dielectric Strength** | 1,000V AC for 1 minute | | **Insulation Resistance** | 1,000 MΩ minimum | | **Contact Resistance** | 20 mΩ maximum (initial) | --- ### 2. Key Electronic Features #### A. Contact Material The "BN" in the suffix often indicates **Gold-over-Nickel** or specialized **Silver** plating. * **Gold Plating:** Ideal for "dry circuits" (low voltage/low current) to prevent oxidation. * **Silver Plating:** Better for power applications where higher current is switched. #### B. Actuation Mechanism The "7F" designation usually refers to the physical lever style and the mechanical action: * **Toggle Action:** Provides tactile feedback to the operator. * **Maintained/Momentary:** Depending on the internal spring, it can stay in position (Maintained) or spring back (Momentary). #### C. Environmental Durability These parts are often rated for high-cycle life (up to 50,000 mechanical operations). The housing is typically made of **Diallyl Phthalate (DAP)**, a high-strength plastic with excellent electrical insulation and heat resistance. --- ### 3. Application Use Cases This specific part is commonly integrated into the following systems: * **Telecommunications:** Signal routing and power toggling. * **Medical Equipment:** Control interfaces requiring high reliability. * **Industrial Automation:** Manual override switches on PLC (Programmable Logic Controller) inputs. --- ### 4. Mounting Example (Pinout Logic) ```cpp // Schematic representation of a DPDT Toggle Switch // Pins 1-3 (Pole 1), Pins 4-6 (Pole 2) [1] -- Common 1 -- [2] (Normally Closed) [3] (Normally Open) [4] -- Common 2 -- [5] (Normally Closed) [6] (Normally Open) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold contact plating for this switch?
    • ⤷ Can this switch be used for DC high-voltage applications?
    • ⤷ What does the 'R2' designation signify in the part numbering?