データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-0F-R2/N

  • AI
    The **M2UDS-0F-R2/N** belongs to a specialized series of modular electronic components, typically associated with signal conditioners or power supply units used in industrial automation (often manufactured by companies like **M-System** or similar high-precision instrument vendors). --- ## 1. Technical Specifications Overview This part is part of a modular interface system designed to convert or isolate electronic signals in rack-mounted or DIN-rail environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Signal Conditioner / Power Supply Module | | **Input Type** | Universal / Specific DC (Depending on configuration) | | **Output Type** | Standardized Analog (e.g., 4-20mA or 1-5V DC) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Response Time** | Fast response (typically ≤ 0.5s) | | **Mounting** | Plug-in base / DIN rail compatible | --- ## 2. Component Breakdown The alphanumeric code provides specific details regarding the electronic characteristics of the unit: ### **M2 Series Base** * **Modular Design:** This signifies a plug-in style component that allows for "hot-swapping" without disconnecting the wiring from the base terminal. * **Signal Integrity:** Built-in surge protection and noise filtering for industrial environments. ### **Electronic Function (0F-R2)** * **0F:** This usually indicates the **Input/Output configuration**. In many industrial series, "0" represents a configurable or wide-range input, and "F" designates the specific scaling factor or frequency response. * **R2:** Refers to the **Power Input**. "R2" typically specifies a **24V DC** power requirement, common in PLC control cabinets. ### **Suffix (/N)** * **Options:** The "/N" suffix usually denotes a specific option such as "No check terminal" or a specific brand/regulatory labeling requirement (Non-CE or specific regional standard). --- ## 3. Key Electronic Features * **Galvanic Isolation:** Uses opto-couplers or transformers to ensure that high-voltage spikes on the input side do not damage sensitive PLC/DCS equipment on the output side. * **Zero/Span Adjustment:** Usually features front-accessible potentiometers to calibrate the analog signal accurately. * **Low Heat Dissipation:** Designed for high-density mounting in electrical panels where airflow is limited. --- ## 4. Common Applications 1. **Impedance Matching:** Converting high-impedance sensor signals into low-impedance current loops (4-20mA). 2. **Signal Distribution:** Taking one sensor input and providing an isolated output to a secondary monitoring system. 3. **Ground Loop Elimination:** Preventing electrical noise caused by potential differences between the field device and the control room.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 24V DC power input on the M2 series?
    • ⤷ How do I calibrate the Zero and Span settings on this specific module?
    • ⤷ Is there a replacement model if the M2UDS series is discontinued?