データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-4W0-R

  • AI
    The **M2UDS-4W0-R** is a high-precision, digital panel meter (often referred to as a signal conditioner or transducer) manufactured by **M-System**. It is primarily used in industrial automation to convert analog signals into digital displays and provides relay outputs for process control. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2UDS | Digital Panel Meter / Signal Conditioner | | **Input Type** | 4 | DC Voltage/Current (Selectable) | | **Output Type** | W | Dual Relay Outputs (2 points) | | **Power Supply** | 0 | 100 – 240V AC | | **Mounting** | R | Plug-in style (Surface or DIN rail) | ### 2. Electronic Components & Functionality #### A. Input Stage (Signal Conditioning) The device is designed to interface with standard industrial sensors. The electronic input stage typically handles: * **Current Inputs:** 4 to 20mA DC. * **Voltage Inputs:** 1 to 5V DC, 0 to 10V DC. * **A/D Converter:** High-resolution Analog-to-Digital conversion ensures that the physical signal is accurately translated into a numerical value for the CPU. #### B. The Processing Unit (CPU) The internal microcontroller performs scaling and linearizing functions. For example, if the input is 4-20mA representing a tank level of 0 to 500 liters, the CPU calculates the scale so the LED display shows "500" at 20mA. #### C. Display Interface The front panel consists of: * **4-digit LED Display:** High-visibility red or green segments. * **Status Indicators:** LEDs that indicate when the alarm relays are tripped (High/Low). #### D. Relay Outputs (Electronic Switching) The "W" in the part number signifies **Dual Relay Outputs**. * **Type:** SPDT (Single Pole Double Throw). * **Function:** These act as electronic switches that trigger external alarms, stop motors, or signal a PLC when a specific threshold (setpoint) is reached. --- ### 3. Connection Diagram Overview | Pin Number | Function | Type | | :--- | :--- | :--- | | 1 & 10 | Power Supply (L, N) | 100-240V AC | | 5 (+) & 6 (-) | Signal Input | DC Voltage/Current | | 7, 8, 9 | Relay Output 1 | COM, NC, NO | | 2, 3, 4 | Relay Output 2 | COM, NC, NO | --- ### 4. Typical Applications 1. **Level Monitoring:** Displaying the height of liquid in a tank and triggering a pump-stop alarm. 2. **Pressure Display:** Monitoring pipe pressure from a transducer and alerting if over-pressurized. 3. **Process Integration:** Acting as a bridge between a field sensor and a control room display.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the scaling on the M2UDS-4W0-R?
    • ⤷ What are the specific contact ratings for the relay outputs?
    • ⤷ Can this model support 24V DC power instead of AC?