データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-B0-R2/N

  • AI
    The **M2UDS-B0-R2/N** is a specialized electronic module typically categorized under industrial networking or interface conversion components. This specific part number is associated with **Sena Technologies** (or their industrial networking division), often used in serial-to-ethernet communication systems. --- ### 1. Key Technical Specifications Based on the standard architecture for the M2UDS series, here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Interface Type** | Serial to Ethernet / Universal Device Server | | **Supply Voltage** | 5V DC (typical for module-level components) | | **Power Consumption** | Low power architecture (< 1W typical) | | **Serial Protocol** | UART / RS-232 / RS-422 / RS-485 (Configurable) | | **Ethernet Speed** | 10/100 Mbps Auto-sensing | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components The module is comprised of several critical subsystems: #### A. Microcontroller Unit (MCU) The "brain" of the module is usually an **ARM-based processor** or a dedicated **Network SoC (System on Chip)**. It handles: - The TCP/IP stack. - Buffering data between the serial and network ports. - Encryption (if supported by the specific firmware version). #### B. Ethernet PHY and Magnetics To interface with a physical LAN, the board includes: - **PHY Chip:** Handles the physical layer signaling. - **Isolation Transformer:** Protects the internal electronics from voltage spikes and noise on the Ethernet cable. #### C. UART Interface (Serial) This section uses level shifters or direct TTL pins to communicate with external hardware. The "UDS" in the name stands for **Universal Device Server**, meaning it acts as a transparent bridge for serial data. --- ### 3. Pinout and Integration As a module-type component, it is designed to be soldered or plugged into a carrier board. ```c // Typical Signal Flow in Code (Firmware level) while(device_active) { if (serial_buffer_full()) { encapsulate_tcp_packet(serial_data); send_to_ethernet(); } if (ethernet_data_received()) { strip_tcp_header(); write_to_uart(payload); } } ``` --- ### 4. Application Use-Cases 1. **Legacy Equipment Connectivity:** Adding internet/cloud connectivity to old industrial machines that only have RS-232 ports. 2. **Remote Monitoring:** Accessing PLC (Programmable Logic Controller) data over a local network. 3. **Security Systems:** Connecting serial-based access control card readers to a central server. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout differences between the R2 and previous revisions?
    • ⤷ Does this module support Power over Ethernet (PoE)?
    • ⤷ What configuration software is used to set the IP address for this device?