データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-CF-R/N

  • AI
    The **M2UDS-CF-R/N** is a specific model within a series of digital panel meters, typically associated with signal conversion and display. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Product Identification | Feature | Description | | :--- | :--- | | **Series** | M2UDS Series | | **Type** | Digital Panel Meter / Indicator | | **Input Type** | DC Voltage or Current (Variable depending on setup) | | **Output Type** | Relay Contact Output (R) and Transistor/None (N) configurations | ### 2. Key Electronic Components & Functions #### A. Input Stage The device features a high-precision analog-to-digital (A/D) converter. It is designed to receive low-level DC signals (e.g., 4-20mA or 1-5V) and convert them into digital data for processing. * **Input Impedance:** High for voltage inputs to prevent circuit loading. * **Sampling Rate:** Typically ranges between 10 to 100 samples per second. #### B. Display Unit It utilizes a high-visibility LED display (usually red or green). * **Digits:** Generally 4 digits to display values from -1999 to 9999. * **Scaling:** Integrated firmware allows for "Zero" and "Span" adjustments to scale the input signal to engineering units (e.g., PSI, °C, RPM). #### C. Control & Output (The "R/N" Designation) This specific part of the model number refers to the output configuration: * **Relay Output (R):** Includes physical electromechanical relays. These are used for "Hi/Lo" alarm triggers to switch external loads like sirens or motors. * **N-Type:** Usually signifies a specific logic output or a "No-output" variant for basic monitoring only, depending on the manufacturer's sub-catalog. ### 3. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Power Supply** | 100–240V AC or 24V DC (Model dependent) | | **Accuracy** | ±0.1% of FS (Full Scale) | | **Isolation** | Input to Power to Output isolation (typically 2000V AC) | | **Operating Temp** | -10°C to +55°C | | **Mounting** | DIN Rail or Panel Mount | ### 4. Application Logic The M2UDS acts as a bridge between a physical sensor and a human operator. 1. **Sensing:** It reads the electronic signal from a transducer. 2. **Processing:** The internal MCU (Microcontroller Unit) applies scaling factors. 3. **Action:** If the value exceeds a set limit, the **Relay (R)** clicks shut, completing a circuit to trigger an alarm. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the R-type relay output?
    • ⤷ Can this model support 4-20mA loop-powered inputs?
    • ⤷ How do I calibrate the zero and span settings on the M2UDS?