データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-CF-R2/N

  • AI
    The **M2UDS-CF-R2/N** is a specific electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Limit Switch unit**, often utilized in industrial automation for position detection and safety interlocking. --- ### 1. Component Overview This part is generally associated with magnetic reed technology or Hall-effect sensing, designed to detect the presence of a magnetic actuator without physical contact. | Feature | Specification Details | | :--- | :--- | | **Product Category** | Magnetic Proximity Sensor / Safety Switch | | **Contact Type** | Typically Reed Switch (Dry Contact) | | **Housing Material** | Plastic or Reinforced Polymer | | **Mounting** | Panel or Bracket Mount | | **Connectivity** | Cable or Terminal Lead | --- ### 2. Key Electronic Characteristics The "R2/N" suffix in the part number usually defines the specific electrical configuration and sensitivity: * **Switching Voltage:** Usually rated for both AC and DC loads (e.g., 0-120V AC or 0-24V DC). * **Switching Current:** Low-power signaling device, typically rated between 100mA and 500mA. * **Contact Configuration:** * **NO (Normally Open):** The circuit closes when the magnet is near. * **NC (Normally Closed):** The circuit opens when the magnet is near. * **Response Time:** Extremely fast (milliseconds), as it relies on magnetic field interaction rather than mechanical levers. --- ### 3. Internal Construction The device consists of three primary internal layers: 1. **Sensing Element:** A hermetically sealed reed switch or a solid-state Hall-effect sensor. 2. **Protection Circuitry:** Often includes a Varistor or RC Snubber circuit to prevent arcing and protect the contacts from inductive loads. 3. **Encapsulation:** The internal electronics are potted in epoxy resin to provide IP-rated protection against dust, moisture, and vibration. --- ### 4. Typical Applications These parts are commonly found in the following environments: * **Pneumatic Cylinders:** To detect the end-of-stroke position of a piston. * **Safety Guards:** Ensuring a machine door is closed before operation. * **Conveyor Systems:** Counting items or detecting pallet positioning. --- ### 5. Wiring Example Below is a generic representation of how such a sensor is integrated into a PLC (Programmable Logic Controller) input loop: ```mermaid graph LR A[Power Supply +24V] --> B[M2UDS-CF-R2/N] B --> C[PLC Digital Input] C --> D[Common/Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for this specific model?
    • ⤷ Does this sensor require a specific magnetic actuator part number?
    • ⤷ Is there a solid-state equivalent that offers a longer lifecycle?