データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-EE-R2

  • AI
    Based on your inquiry, the **M2UDS-EE-R2** is a specific module variant within the **M2UDS Series**, which are typically **Digital Temperature Controllers** or **Digital Indication Units** (often manufactured by companies like Shimaden or similar industrial control providers). The "EE" and "R2" designations usually refer to the Input/Output configurations and communication options. --- ### 1. Key Electronic Components & Specifications The M2UDS-EE-R2 is built around several core electronic stages to manage thermal processes: | Component Type | Functional Description | Specification/Role | | :--- | :--- | :--- | | **Microprocessor** | Central logic unit | Handles PID algorithms, scaling, and display multiplexing. | | **Input Stage** | Universal Analog Input | Supports Thermocouples (K, J, R, S, etc.) and RTDs (Pt100). | | **Output 1 (EE)** | Voltage Pulse / SSR Drive | "EE" typically denotes dual Voltage Pulse outputs for Solid State Relays. | | **Output 2 (R2)** | Relay Contact | "R2" usually signifies a secondary Mechanical Relay output (for alarms or events). | | **Power Supply** | Switch Mode (SMPS) | Generally supports 100-240V AC (Standard) or 24V AC/DC. | --- ### 2. Breakdown of the Model Suffix The specific electronic personality of the device is defined by the code: #### **EE (Main Outputs)** * **Dual Output:** This model features two primary control outputs. * **Electronic Signaling:** These are typically non-contact voltage pulses (e.g., 12V DC) used to trigger external **Solid State Relays (SSRs)**. This allows for high-speed switching without mechanical wear. #### **R2 (Auxiliary / Event Outputs)** * **Relay Type:** Indicates that the device includes independent relay contacts. * **Function:** Usually assigned to "Event 1" and "Event 2," these act as safety switches to shut down a heater if it exceeds a high-limit temperature. --- ### 3. Connection Interface The electronic terminals on the rear of the unit are organized into functional blocks: ```text Terminal Block Map (Typical) ----------------------------------------- | [1] [2] [3] | Power Input (L, N, G) | | [4] [5] | Output 1 (Pulse + / -)| | [6] [7] | Output 2 (Pulse + / -)| | [8] [9] [10] | Event Relays (R2) | | [11][12][13] | Sensor Input (TC/RTD) | ----------------------------------------- ``` ### 4. Hardware Protections * **Galvanic Isolation:** The input circuit is electronically isolated from the power supply and output circuits to prevent electrical noise from the heaters affecting the temperature readings. * **EEPROM:** Non-volatile memory that stores your configuration and setpoints so they are not lost during a power failure. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the 'EE' pulse output and a standard 'RR' relay output?
    • ⤷ Can the M2UDS-EE-R2 be configured for RS-485 communication?
    • ⤷ How do I change the input type from Thermocouple to RTD in the settings?