データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-FF-R/CE

  • AI
    The **M2UDS-FF-R/CE** is a high-performance, modular Digital Signal Conditioner from the M2 series, manufactured by **M-System**. This specific model is designed to accept a DC input signal and provide two isolated DC outputs. --- ### 1. Technical Specifications Breakdown | Component/Feature | Description | | :--- | :--- | | **Input Signal** | DC Current or Voltage (User-specified) | | **Output 1 & 2** | Independent DC Current or Voltage signals | | **Power Input (R)** | 24V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 4-way isolation (Input to Output 1 to Output 2 to Power) | | **Standards (CE)** | CE Marking compliant (EMC Directive) | --- ### 2. Key Electronic Parts and Functionality The device is composed of several critical electronic sub-systems that ensure signal integrity and protection in industrial environments: #### A. Signal Conditioning Front-End This section utilizes **Precision Operational Amplifiers** to scale the incoming DC signal. It converts the sensor data into a standardized internal voltage level. #### B. Galvanic Isolation Circuitry The "FF" in the model name indicates the dual output capability. The device uses **Optoisolators or Magnetic Transformers** to achieve 2000V AC isolation. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. Power Management Unit Because this is the "R" variant (24V DC), it includes: * **DC-DC Converters:** To step down or stabilize the internal voltage. * **Polarity Protection:** Diodes that prevent damage if the power leads are reversed. * **Filtering:** Capacitors and inductors to reduce electromagnetic interference (EMI). #### D. Zero/Span Adjustments Located behind the front cover are **Multi-turn Potentiometers**. These allow the user to fine-tune the minimum (Zero) and maximum (Span) output levels to match the receiving instrument's calibration. --- ### 3. Wiring Configuration | Terminal No. | Assignment | Function | | :--- | :--- | :--- | | **1 / 2** | Input (+ / -) | Connection for field sensor | | **3 / 4** | Output 1 (+ / -) | First isolated signal | | **5 / 6** | Output 2 (+ / -) | Second isolated signal | | **7 / 8** | Power (+ / -) | 24V DC Supply | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the M2UDS series?
    • ⤷ How do I calibrate the Zero and Span pots on this model?
    • ⤷ Can this device handle a 4-20mA input and output simultaneously?