データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-FW3-R

  • AI
    The **M2UDS-FW3-R** is a specific model within a series of high-performance digital panel meters or signal transducers, typically manufactured by companies like **M-System** (now MG CO., LTD). This specific model is a **Digital Potentiometer Manual Loader**. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Functional Specifications The M2UDS-FW3-R acts as a manual signal generator. It allows an operator to manually adjust a DC output signal via front-panel buttons. | Feature | Specification | |:---|:---| | **Model Function** | Digital Potentiometer (Manual Loader) | | **Input Type** | Remote UP/DOWN contact inputs (optional) | | **Output Type** | 4 – 20 mA DC | | **Power Input** | 24V DC (approx. 10% ripple) | | **Display** | 4-digit Red LED | | **Control Interface** | UP / DOWN push buttons on the front panel | --- ## 2. Key Electronic Components & Sections ### A. Output Section (Current Loop) The "W3" designation in the model number typically refers to a specific output range. * **Active Output:** The device generates a **4-20mA DC** signal. * **Load Resistance:** Usually capable of driving up to **600 $\Omega$**. * **Digital-to-Analog Converter (DAC):** High-resolution circuitry ensures that the manual increments (0.1% or 1%) are converted into smooth analog steps. ### B. Control Logic & Memory * **Microprocessor-Based:** The unit uses an internal MCU to handle the logic of the UP/DOWN commands and the scaling of the LED display. * **Non-Volatile Memory (EEPROM):** The "R" in the suffix often indicates a specific feature set regarding power-up behavior. These units typically feature **output memory**, meaning they remember the last set value if power is lost and restored. ### C. Isolation Circuitry The device features robust electronic isolation between different sections to prevent ground loops and protect sensitive PLC/DCS inputs. * **Isolation Rating:** 2000V AC @ 1 minute. * **Isolation Paths:** Input to output to power. --- ## 3. Terminal Configuration The device uses a plug-in base (typically M2 series 8-pin or 11-pin) for easy maintenance. | Terminal No. | Function | Description | |:---:|:---|:---| | **1 & 2** | Output (+) / (-) | Connects to the receiver (PLC/Actuator) | | **4 & 5** | External UP/DOWN | Terminals for remote contact control | | **7 & 8** | Power Supply | 24V DC Input | --- ## 4. Operation Modes 1. **Manual Mode:** The operator uses front-panel buttons to increase or decrease the mA output. 2. **Remote Mode:** External dry contacts (switches) can be wired to the back terminals to trigger the UP/DOWN logic remotely. 3. **Ramp Function:** The electronics are programmed to allow "fast-forward" adjustment if a button is held down. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for the external UP/DOWN contact inputs?
    • ⤷ How do I calibrate the LED display scaling for this model?
    • ⤷ What is the difference between the M2UDS and the M2UIS series?