データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-JB-R/N

  • AI
    The **M2UDS-JB-R/N** is a specific part number typically associated with **M-System** (now part of MG CO., LTD), a Japanese manufacturer specializing in signal conditioners and interface modules. Specifically, this model belongs to the **M2 Series** and functions as a **Potentiometer Transmitter**. Its primary role is to convert a resistance-based position signal (from a potentiometer) into a standard industrial DC signal. --- ### 1. Key Technical Specifications Based on the part number suffixing convention: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | Potentiometer | 100 $\Omega$ to 10 k$\Omega$ total resistance | | **Output Signal** | 4 – 20 mA DC | Standard industrial current loop | | **Power Supply** | 24V AC / DC | Low voltage operating power | | **Mounting** | DIN Rail | Standard 35mm rail mounting | | **Connection** | M3.5 Screw Terminals | Secure industrial wiring | --- ### 2. Part Number Breakdown The nomenclature for this series follows a specific logic: * **M2**: Series designation (Ultra-slim Signal Conditioners). * **UDS**: Function (Potentiometer Transmitter). * **JB**: Specific input/output configuration (Internal code for 4-20mA output and specific input ranges). * **R**: Power Input (R usually signifies 24V DC). * **N**: Compliance/Special Option (Often indicates "No CE Mark" or specific regional standards depending on the production year). --- ### 3. Functional Operation The electronic circuitry within the M2UDS performs three main tasks: 1. **Reference Voltage Generation:** It applies a stable voltage across the external potentiometer. 2. **Signal Amplification:** It measures the wiper position (voltage ratio) and converts it into a proportional linear signal. 3. **Galvanic Isolation:** It provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical noise or surges on the sensor side. --- ### 4. Typical Applications * **Valve Position Monitoring:** Converting the rotary or linear movement of a valve into a 4-20mA feedback signal for a control room. * **Level Sensing:** Using a float-operated potentiometer to track tank levels. * **Mechanical Displacement:** Measuring the movement of hydraulic cylinders or industrial arms.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the M2UDS input terminals?
    • ⤷ How do I calibrate the zero and span settings on this module?
    • ⤷ Can this module be used with a 110V AC power supply?