データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2UDS-JB-R2/CE

  • AI
    The **M2UDS-JB-R2/CE** is a high-performance **Digital Potentiometer (Remote Control) Signal Conditioner** manufactured by **M-System**. It is part of the M2 Series (Mini-M) and is designed to accept inputs from a remote potentiometer and convert them into standard analog signals (such as 4–20 mA or 1–5 V DC). --- ## 1. Technical Specifications The device is characterized by its compact, plug-in design and high reliability for industrial automation. | Feature | Specification | |:--- |:--- | | **Model Series** | M2 Series (Mini-M) | | **Input Type** | External Potentiometer (Remote Up/Down Control) | | **Output Type** | DC Voltage or Current (Factory Configurable) | | **Power Supply** | 100 – 240V AC (Standard for /CE models) | | **Output Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Mounting** | DIN Rail Mounting (Surface or Socket) | --- ## 2. Key Electronic Components & Functionality The M2UDS serves as an interface between manual control inputs and automated control systems. ### A. Input Stage (Up/Down Pulse) The "UDS" designation indicates an **Up/Down Signal** interface. Instead of a physical knob, this unit typically receives dry contact closures or open collector signals: * **UP Command:** Increases the output signal level. * **DOWN Command:** Decreases the output signal level. ### B. Signal Conditioning Circuitry * **Isolation Transformer:** Provides galvanic isolation (typically 2000V AC) between input, output, and power terminals. This prevents ground loops and protects sensitive PLC/DCS equipment. * **A/D and D/A Converters:** The unit digitizes the input count to maintain high precision and then converts it back to a smooth analog output. * **Non-Volatile Memory:** In the event of a power failure, the device remembers the last output position and restores it once power is returned. ### C. Output Stage The "R2" in the model code often denotes the power input version (High voltage AC), while the output is typically a low-impedance voltage or a high-impedance current loop. --- ## 3. Terminal Connection Diagram (General) The unit uses a standard 8-pin or 11-pin base. ```text Terminal | Function ---------|--------------------------- 1 | Output (+) 2 | Output (-) 3 | UP Input 4 | DOWN Input 5 | Common (Input) 7 | Power (L / +) 8 | Power (N / -) ``` --- ## 4. Specific Suffix Meanings * **JB:** Refers to specific input/output ranges (Commonly 4-20mA or 1-5V). * **R2:** Power input specification (100–240V AC). * **CE:** Indicates compliance with European Safety and EMC standards, ensuring low electromagnetic interference.
    ✨ Follow-up Questions
    • ⤷ What are the specific step-up/step-down rates for the output signal?
    • ⤷ Can this unit be used with a 24V DC power supply instead of AC?
    • ⤷ How do I perform a zero/span calibration on this model?